Electronic Components Datasheet Search
  English  ▼

X  

WL3 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # WL3
Description  ISO Warning Symbols
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

WL3 Datasheet(HTML) 1 Page - PANDUIT CORP.

  WL3 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Symbol
Description
Triangle Width
Markers
Per
Card/Pkg
Std.
Pkg.
Card(s)
Std.
Ctn.
Card(s)
In.
mm
Cards
PESW-A-1Y
CAUTION - RISK OF
ELECTRIC SHOCK
0.50
13.0
10
10
200
PESW-B-1Y
1.00
25.4
10
10
200
PESW-C-1Y
1.97
50.0
10
10
200
PESW-D-1Y
3.90
99.1
3
10
200
PESW-E-1Y
7.90
200.7
1
10
200
PESW-A-6Y
CAUTION - RISK OF
IONIZING RADIATION
0.50
13.0
10
10
100
PESW-B-6Y
1.00
25.4
10
10
100
PESW-C-6Y
1.97
50.0
10
10
100
PESW-D-6Y
3.90
99.1
3
10
100
PESW-E-6Y
7.90
200.7
1
10
100
PESW-A-8Y
CAUTION - LASER BEAM
0.50
13.0
10
10
200
PESW-B-8Y
1.00
25.4
10
10
200
PESW-C-8Y
1.97
50.0
10
10
100
PESW-D-8Y
3.90
99.1
3
10
100
PESW-E-8Y
7.90
200.7
1
10
100
PESW-A-9Y
CAUTION - GENERAL
WARNING, RISK OF
DANGER
0.50
13.0
10
10
200
PESW-B-9Y
1.00
25.4
10
10
200
PESW-C-9Y
1.97
50.0
10
10
100
PESW-D-9Y
3.90
99.1
3
10
100
PESW-E-9Y
7.90
200.7
1
10
100
PESW-A-11Y
WARNING OF STATIC
SENSITIVE DEVICE
0.50
13.0
10
10
100
PESW-B-11Y
1.00
25.4
10
10
100
PESW-C-11Y
1.97
50.0
10
10
100
PESW-D-11Y
3.90
99.1
3
10
100
PESW-E-11Y
7.90
200.7
1
10
100
Rolls
WL1
STATIC AWARENESS
WARNING
2.00
50.8
500
1
10
WL3
2.00
50.8
500
1
10
WL32Y
RISK OF ELECTRIC SHOCK
symbol
1.50
38.10
50
1
10
WL33Y
4.50
114.30
50
1
10
WL35Y
CAUTION – HOT SURFACE
WARNING
2.00
50.80
50
1
10
WL36Y
WARNING – HOT SURFACE
WARNING
2.00
50.80
50
1
10
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
ISO Warning Symbols
Material Chart
Material
Print Method
Temperature Range
Features
Paper
(WL1, WL3)
Pre-Printed
-65°F to 200°F
(-54°C to 80°C)
Indoor rated; general purpose and
material; excellent adhesion properties
when applied to a clean, dry surface.
Polyester
(WL25)
-40°F to 250°F
(-54°C to 93°C)
Indoor/outdoor rated; laminated label
material protects legend from abrasion and
chemicals; resistant to UV light, chemical
atmosphere, and abrasion; excellent life
and adhesion properties.
Vinyl
(PESW, WL32Y,
WL33Y, WL35Y,
WL36Y)
-40°F to 176°F
(-40°C to 80°C)
Indoor/outdoor rated; laminated label
material protects legend from abrasion and
chemicals; resistant to UV light, chemical
atmosphere, and abrasion; excellent life
and adhesion properties.


Similar Part No. - WL3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL3000 LSTD-WL3000 Datasheet
277Kb / 3P
Liquid to Air Heat Exchanger System
logo
FENGJUI TECHNOLOGY CO.,...
WL322522 FENGJUI-WL322522 Datasheet
169Kb / 5P
WOUND INDUCTOR-RoHS
WL322522-100 FENGJUI-WL322522-100 Datasheet
169Kb / 5P
WOUND INDUCTOR-RoHS
WL322522-101 FENGJUI-WL322522-101 Datasheet
169Kb / 5P
WOUND INDUCTOR-RoHS
WL322522-120 FENGJUI-WL322522-120 Datasheet
169Kb / 5P
WOUND INDUCTOR-RoHS
More results

Similar Description - WL3

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
RWR FILTRONIC-RWR Datasheet
3Mb / 7P
Man Portable Radar Warning Receiver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_10 Datasheet
627Kb / 28P
Overtemperature Warning and Protection (Shutdown)
logo
Freescale Semiconductor...
MC68HC16Z1CPV16 FREESCALE-MC68HC16Z1CPV16 Datasheet
5Mb / 500P
Symbols and Operators, CPU16 Register Mnemonics
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
Explanation of Symbols in This Catalog
logo
PHOENIX CONTACT
0805357 PHOENIX-0805357 Datasheet
45Kb / 2P
Warning label - WS 3- 5
12/11/2015
1004238 PHOENIX-1004238 Datasheet
46Kb / 2P
Warning label - WS 4-14
1004241 PHOENIX-1004241 Datasheet
47Kb / 2P
Warning label - WS 4-15
1004490 PHOENIX-1004490 Datasheet
51Kb / 2P
Warning label - WS-3K
1004513 PHOENIX-1004513 Datasheet
49Kb / 2P
Warning label - WS-2K
1004584 PHOENIX-1004584 Datasheet
51Kb / 2P
Warning label - WS-4K
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com