Electronic Components Datasheet Search
  English  ▼

X  

PLT13H Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PLT13H
Description  Cable Tie, 8.1", Light-Heavy cross section
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT13H Datasheet(HTML) 2 Page - PANDUIT CORP.

  PLT13H Datasheet HTML 1Page - PANDUIT CORP. PLT13H Datasheet HTML 2Page - PANDUIT CORP. PLT13H Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pricing Description
Cable Tie, 8.1"L (206mm), Light-Heavy, Weather Resistant, Black
Thickness (In.)
.075
Thickness (mm)
1.9
Tool
GTH, GS4H, GS4EH, PTH, STH2, ST3EH
Min. Order UOM
PC
Min. Order Qty.
50
BOM Qty. (# of Pkgs.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com