Electronic Components Datasheet Search
  English  ▼

X  

PCA07-Z Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PCA07-Z
Description  Self-Laminating Wire Marker Dispenser
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCA07-Z Datasheet(HTML) 2 Page - PANDUIT CORP.

  PCA07-Z Datasheet HTML 1Page - PANDUIT CORP. PCA07-Z Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Std.
Ctn.
Qty.
Std.
Pkg.
Qty.
Markers
Per
Pkg.
No. of Markers
Per
Wand
Legend
Part Number
Wire/Cable Diameter 0.11" – 0.13" (2.80mm – 3.30mm)
PCA11-A
thru
PCA11-Z
A
thru
Z
30
300
1
10
PCA11-A-J
A-J
1
10
PCA11-K-T
K-T
1
10
PCA11-U-Z
U-Z
1
10
PCA11-0
thru
PCA11-9
0
thru
9
1
10
PCA11-0-9
0-9
1
10
PCA11-MIN
—
1
10
PCA11-PLS
+
1
10
Wire/Cable Diameter 0.13" – 0.15" (3.30mm – 3.80mm)
PCA13-A
thru
PCA13-Z
A
thru
Z
30
300
1
10
PCA13-A-J
A-J
1
10
PCA13-K-T
K-T
1
10
PCA13-U-Z
U-Z
1
10
PCA13-0
thru
PCA13-9
0
thru
9
1
10
PCA13-0-9
0-9
1
10
PCA13-MIN
—
1
10
PCA13-PLS
+
1
10
Wire/Cable Diameter 0.19" – 0.23" (4.80mm – 5.80mm)
PCA18-A
thru
PCA18-Z
A
thru
Z
30
300
1
10
PCA18-A-J
A-J
1
10
PCA18-K-T
K-T
1
10
PCA18-U-Z
U-Z
1
10
PCA18-0
thru
PCA18-9
0
thru
9
1
10
PCA18-0-9
0-9
1
10
PCA18-MIN
—
1
10
PCA18-PLS
+
1
10
Wire/Cable Diameter 0.23" – 0.37" (5.80mm – 9.40mm)
PCA23-A
thru
PCA23-Z
A
thru
Z
20
60
1
10
PCA23-A-D
A-D
80
1
10
PCA23-E-H
E-H
1
10
PCA23-I-L
I-L
1
10
PCA23-M-P
M-P
1
10
PCA23-Q-T
Q-T
1
10
PCA23-U-X
U-X
1
10
PCA23-Y-Z
Y-Z, +, -
1
10
PCA23-0
thru
PCA23-9
0
thru
9
60
1
10
PCA23-0-3
0-3
80
1
10
PCA23-4-7
4-7
1
10
PCA23-8-9
8, 9, +, -
1
10
PCA23-MIN
—
60
110
PCA23-PLS
+1
10
Pre-Printed Clip-On Wire Markers (continued)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com