Electronic Components Datasheet Search
  English  ▼

X  

PCA07-PLS Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PCA07-PLS
Description  Self-Laminating Wire Marker Dispenser
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCA07-PLS Datasheet(HTML) 1 Page - PANDUIT CORP.

  PCA07-PLS Datasheet HTML 1Page - PANDUIT CORP. PCA07-PLS Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Self-Laminating Wire Marker Dispenser
• Self-laminating labels are provided in handy dispenser which
protects markers when not in use
• Clear section of marker overlaminates and protects
write-on legend
• Quick, easy to use for smaller installations and maintenance
Can be clearly identified with Panduit permanent marking pens shown on page E5.19.
Part Number
Part Description
Width
Length
Print-On
Height
Min.
Cable O.D.
Max.
Cable O.D.
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
Dispenser Kit
S100X125VARY (1) Dispenser.
(1) Roll, white write-on, vinyl label,
200/roll.
(1) PFX-0 pen.
1.00
25.40
1.25
31.75
0.38
9.65
0.12
3.07
0.28
7.03
1
10
S100X225VARY (1) Dispenser.
(1) Roll, white write-on, vinyl label,
100/roll.
(1) PFX-0 pen.
1.00
25.40
2.25
57.15
0.75
19.05 0.24
6.06
0.48
12.13
1
10
Refill Rolls
S100X125VAFY
Replacement roll. White write-on,
vinyl label, 200/roll.
1.00
25.40
1.25
31.75
0.38
9.65
0.12
3.07
0.28
7.03
1
10
S100X225VAFY
Replacement roll. White write-on,
vinyl label 100/roll.
1.00
25.40
2.25
57.15
0.75
19.05 0.24
6.06
0.48
12.13
1
10
Material Chart
Material
Print Method
Temperature
Range
Features
Self-Laminating Vinyl,
White Print-On
Pre-Printed
-40°F to 150°F
(-40°C to 66°C)
Indoor/outdoor rated; thin and conformable;
preferred material for most general
wire/cable labeling.
Pre-Printed Clip-On Wire Markers
• Non-adhesive markers grip tightly to wire/cable
• Markers supplied on application wand tool
• Chevron cut keeps multiple markers aligned
• Black legend is embossed into wire marker clip
Part Number
Legend
No. of Markers
Per
Wand
Markers
Per
Pkg.
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Wire/Cable Diameter 0.08" – 0.10" (2.00mm – 2.50mm)
PCA07-A
thru
PCA07-Z
A
thru
Z
30
300
1
10
PCA07-A-J
A-J
1
10
PCA07-K-T
K-T
1
10
PCA07-U-Z
U-Z
1
10
PCA07-0
thru
PCA07-9
0
thru
9
1
10
PCA07-0-9
0-9
1
10
PCA07-MIN
—
1
10
PCA07-PLS
+
1
10
Material Chart
Material
Print Method
Temperature Range
Features
Non-Adhesive Acetal
Pre-Printed
-22°F to 194°F
(-30°C to 90°C)
Indoor/outdoor rated; durable material
that has excellent resiliency to oils
and solvents.
Table continues on page E3.12


Similar Part No. - PCA07-PLS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCA07-PLS PANDUIT-PCA07-PLS Datasheet
59Kb / 2P
CUSTOMER DRAWING PCA07 CLIP-ON WIRE MARKER
More results

Similar Description - PCA07-PLS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WCD-318 MACOM-WCD-318 Datasheet
84Kb / 2P
Write-On Self-Laminating Dispensers
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
CSL A4 Laser printable self-laminating labels
logo
List of Unclassifed Man...
TKM-75 ETC2-TKM-75 Datasheet
49Kb / 1P
TKM self-laminating write-on labels
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
Self-Laminating Labels for Laser AND Ink Jet Printers
logo
3M Electronics
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
logo
PANDUIT CORP.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
logo
List of Unclassifed Man...
CT2012X2 ETC-CT2012X2 Datasheet
310Kb / 3P
Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5
logo
PANDUIT CORP.
PST-FO PANDUIT-PST-FO Datasheet
121Kb / 1P
Self-Laminating Fiber Optic Cable Marker Tags
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com