Electronic Components Datasheet Search
  English  ▼

X  

APTDF100H170G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTDF100H170G
Description  Diode Full Bridge Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF100H170G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTDF100H170G Datasheet HTML 1Page - Microsemi Corporation APTDF100H170G Datasheet HTML 2Page - Microsemi Corporation APTDF100H170G Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTDF100H170G
www.microsemi.com
2 - 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
2.2
2.5
VF
Diode Forward Voltage
IF = 100A
Tj = 125°C
2.1
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR = 1700V
Tj = 125°C
500
µA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
572
trr
Reverse Recovery Time
Tj = 125°C
704
ns
Tj = 25°C
20
Qrr
Reverse Recovery Charge
Tj = 125°C
35
µC
Tj = 25°C
70
IRRM
Reverse Recovery Current
IF = 100A
VR = 900V
di/dt = 1000A/µs
Tj = 125°C
100
A
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
0.35
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
3500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
2.5
4.7
N.m
Wt
Package Weight
160
g
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com