Electronic Components Datasheet Search
  English  ▼

X  

HM11 Datasheet(PDF) 1 Page - Bi technologies

Part # HM11
Description  Vertical Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM11 Datasheet(HTML) 1 Page - Bi technologies

  HM11 Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
4

Electrical / Environmental
Outline Dimensions (Inch / mm) / Schematic
Notes:
(1) Nominal bare wire diameter
(2) Electrical specifications at 25°C
(3) Add suffix ‘LF’ for RoHS compliant parts (e.g. HM11-11001 changes to HM11-11001LF).
HM11-11001 10 X 40 10 (2.59)
4.46
2.0
48
23.5
26.5
1.65 (42)
.75 (19.0)
.63 (16.0)
250
HM11-11302 10 X 35 13 (1.83)
7.20
4.5
36
13.0
15.0
1.46 (37)
.65 (16.5)
.57 (14.5)
300
HM11-11503 10 X 35 15 (1.45)
11.00
8.1
28
10.5
12.0
1.46 (37)
.60 (15.2)
.54 (13.7)
300
HM11-11804 10 X 35 18 (1.02)
21.00
21.4
20
7.0
8.0
1.46 (37)
.55 (14.0)
.50 (12.8)
300
HM11-12005 10 X 35 20 (0.81)
34.00
43.0
16
5.5
6.5
1.46 (37)
.55 (14.0)
.49 (12.4)
300
HM11-21001 10 X 25 10 (2.59)
1.40
1.2
85
25.0
28.0
1.06 (27)
.75 (19.0)
.63 (16.0)
300
HM11-21302 10 X 25 13 (1.83)
3.30
3.4
60
14.0
16.0
1.06 (27)
.65 (16.5)
.57 (14.5)
300
HM11-21503 10 X 25 15 (1.45)
5.00
5.8
46
11.5
13.5
1.06 (27)
.60 (15.2)
.54 (13.7)
300
HM11-21804 10 X 25 18 (1.02)
9.30
15.0
30
8.0
9.0
1.06 (27)
.55 (14.0)
.50 (12.8)
300
HM11-22005 10 X 25 20 (0.81)
16.20
30.6
22
5.0
5.5
1.06 (27)
.55 (14.0)
.49 (12.4) 1000
HM11-31001
8 X 25
10 (2.59)
1.20
1.2
72
28.0
31.0
1.06 (27)
.65 (16.5)
.55 (14.0)
300
HM11-31302
8 X 25
13 (1.83)
2.70
2.7
45
14.5
17.0
1.06 (27)
.55 (14.0)
.49 (12.5)
400
HM11-31503
8 X 25
15 (1.45)
4.20
4.9
35
11.5
13.5
1.06 (27)
.55 (14.0)
.46 (11.7) 1000
HM11-31804
8 X 25
18 (1.02)
7.20
11.6
26
8.0
9.0
1.06 (27)
.50 (12.7)
.43 (10.8) 1000
HM11-32005
8 X 25
20 (0.81)
12.00
22.8
22
5.5
6.5
1.06 (27)
.45 (11.4)
.41 (10.4) 1000
HM11-41301
6 X 16
13 (1.83)
0.66
1.4
65
13.0
15.0
.71 (18)
.50 (12.7)
.41 (10.5)
660
HM11-41502
6 X 16
15 (1.45)
1.00
2.3
50
10.0
12.0
.71 (18)
.45 (11.4)
.38 (9.7)
660
HM11-41803
6 X 16
18 (1.02)
2.20
6.1
32
8.0
9.0
.71 (18)
.40 (10.2)
.35 (8.8)
660
HM11-42004
6 X 16
20 (.081)
3.30
10.87
23
7.5
8.5
.71 (18)
.40 (10.2)
.33 (8.4)
660
HM11-51301
5 X 25
13 (1.83)
2.00
1.9
25
17.0
19.5
1.06 (27)
.45 (11.4)
.37 (9.5)
1000
HM11-51502
5 X 25
15 (1.45)
2.60
3.2
20
14.5
16.5
1.06 (27)
.45 (11.4)
.34 (8.7)
1000
HM11-51803
5 X 25
18 (1.02)
5.50
8.4
14
9.0
10.0
1.06 (27)
.35 (8.9)
.31 (7.8)
1000
HM11-52004
5 X 25
20 (0.81)
8.80
16.5
10
6.5
7.0
1.06 (27)
.35 (8.9)
.29 (7.4)
1000
HM11-61301
4 X 16
13 (1.83)
0.37
0.9
53
18.0
20.0
.71 (18)
.40 (10.2)
.33 (8.5)
450
HM11-61502
4 X 16
15 (1.45)
0.68
1.7
38
15.5
17.5
.71 (18)
.40 (10.2)
.30 (7.7)
450
HM11-61803
4 X 16
18 (1.02)
1.15
3.7
28
10.5
12.0
.71 (18)
.35 (8.9)
.27 (6.8)
450
HM11-62004
4 X 16
20 (0.81)
1.80
6.9
20
8.5
9.5
.71 (18)
.30 (7.6)
.25 (6.4)
450
• Operating Temperature Range
-40°C to +105°C
• Temperature Rise, Maximum
45°C
Part
Core
AWG
@ 10 kHz
Resistance
DC Amps
at 35°C
at 45°C
Quantity
Number
Size
mm(1)
±25%
mΩ Max.
Approx.
Rise
Rise
A
B
C
(Units)
Wire
Inductance
Max. Current
Mechanical Outline
Carton
Gauge
µH
DC
I
SAT
DC Amps
Dimensions: Inches (mm)
Box
Specifications / Packaging
RoHS
Compliant
for
‘LF’ Models
Vertical Mount Inductors


Similar Part No. - HM11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM11 ETC-HM11 Datasheet
67Kb / 3P
Vertical Mount Inductors
logo
TT Electronics.
HM11 TTELEC-HM11 Datasheet
717Kb / 1P
Vertical Mount Inductors
logo
List of Unclassifed Man...
HM11-11001 ETC-HM11-11001 Datasheet
67Kb / 3P
Vertical Mount Inductors
HM11-11001LF ETC2-HM11-11001LF Datasheet
383Kb / 1P
Electrical / Environmental
logo
Bi technologies
HM11-11001LF BITECH-HM11-11001LF Datasheet
488Kb / 1P
Vertical Mount Inductors
More results

Similar Description - HM11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM11 ETC-HM11 Datasheet
67Kb / 3P
Vertical Mount Inductors
logo
Rhombus Industries Inc.
L-268 RHOMBUS-IND-L-268 Datasheet
31Kb / 1P
Vertical & Horizontal Mount Inductors
logo
Murata Manufacturing Co...
KMP_3200 MURATA-KMP_3200 Datasheet
129Kb / 3P
Vertical Mount Toroidal Inductors
KMP_3300 MURATA-KMP_3300 Datasheet
130Kb / 3P
Vertical Mount Toroidal Inductors
logo
Dubilier
DCH1210150K DUBILIER-DCH1210150K Datasheet
157Kb / 3P
INDUCTORS SURFACE MOUNT INDUCTORS DCH
logo
Murata Power Solutions ...
33100C MURATA-PS-33100C Datasheet
137Kb / 3P
Vertical Mount Toroidal Inductors
logo
Bourns Electronic Solut...
2301-RC BOURNS-2301-RC Datasheet
112Kb / 1P
High Current Toroid Inductors Horizontal or vertical mount
logo
Bi technologies
HM11 BITECH-HM11_16 Datasheet
488Kb / 1P
Vertical Mount Inductors
logo
TT Electronics.
HM11 TTELEC-HM11 Datasheet
717Kb / 1P
Vertical Mount Inductors
logo
Vishay Siliconix
IHVR-4025JZ-3Z VISHAY-IHVR-4025JZ-3Z Datasheet
176Kb / 3P
Ultra Low DCR Inductors, High Current, Vertical Mount Series
17-Dec-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com