Electronic Components Datasheet Search
  English  ▼

X  

HM15 Datasheet(PDF) 1 Page - Bi technologies

Part # HM15
Description  Encapsulated Low Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM15 Datasheet(HTML) 1 Page - Bi technologies

  HM15 Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
14
HM15-10150LF
150
1.70
0.36
80
1
462
HM15-10220LF
220
1.50
0.38
90
1
462
HM15-10330LF
330
1.00
0.74
100
1
462
HM15-10470LF
470
0.90
1.18
120
1
462
HM15-10680LF
680
0.85
1.25
175
1
462
HM15-10820LF
820
0.75
2.30
175
1
462
HM15-11000LF
1,000
0.50
2.40
175
1
462
HM15-20150LF
150
1.70
0.36
80
2
810
HM15-20220LF
220
1.50
0.38
90
2
810
HM15-20330LF
330
1.00
0.74
100
2
810
HM15-20470LF
470
0.90
1.18
120
2
810
HM15-20680LF
680
0.85
1.25
175
2
810
HM15-20820LF
820
0.75
2.30
175
2
810
HM15-21000LF
1,000
0.50
2.40
175
2
810
Figure 1 (Inch / mm)
Figure 2 (Inch / mm)
Schematic (Figure 1 & 2)
Encapsulated Low Power Inductors
Electrical / Environmental
• Insulation Resistance, Minimum
100 MΩ
• Operating Temperature Range
-40°C to +105°C
• Temperature Rise, Maximum
40°C
Specifications @ 25°C / Packaging
Inductance
Current
DC
Carton Box
Part
Typical
@ 40°C Rise
Resistance
ETop
Quantity
Number
µH
Amps DC Max.
Ω Max.
V-µSec
Figure
(Units)

Side View
Side View
Bottom View
Bottom View
RoHS
Compliant


Similar Part No. - HM15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM15 ETC-HM15 Datasheet
56Kb / 3P
Encapsulated Low Power Inductors
logo
TT Electronics.
HM15 TTELEC-HM15 Datasheet
705Kb / 1P
Encapsulated Low Power Inductors
logo
List of Unclassifed Man...
HM15-10150 ETC-HM15-10150 Datasheet
56Kb / 3P
Encapsulated Low Power Inductors
logo
Bi technologies
HM15-10150LF BITECH-HM15-10150LF Datasheet
493Kb / 1P
Encapsulated Low Power Inductors
logo
TT Electronics.
HM15-10150LF TTELEC-HM15-10150LF Datasheet
705Kb / 1P
Encapsulated Low Power Inductors
More results

Similar Description - HM15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM15 ETC-HM15 Datasheet
56Kb / 3P
Encapsulated Low Power Inductors
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
LOW PROFILE ENCAPSULATED TRANSFORMER
logo
TALEMA Group. LLC
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
Low Cost Power Inductors
logo
Rhombus Industries Inc.
L-11500 RHOMBUS-IND-L-11500 Datasheet
26Kb / 1P
Low Power Inductors
L-41000 RHOMBUS-IND-L-41000 Datasheet
33Kb / 1P
Miniature Encapsulated Inductors
L-365 RHOMBUS-IND-L-365 Datasheet
21Kb / 1P
Low Power Inductors
07/02/98
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Bi technologies
HM15 BITECH-HM15_15 Datasheet
493Kb / 1P
Encapsulated Low Power Inductors
logo
TT Electronics.
HM15 TTELEC-HM15 Datasheet
705Kb / 1P
Encapsulated Low Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com