Electronic Components Datasheet Search
  English  ▼

X  

HM28 Datasheet(PDF) 1 Page - Bi technologies

Part # HM28
Description  Buckle Style Core Common-Mode Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM28 Datasheet(HTML) 1 Page - Bi technologies

  HM28 Datasheet HTML 1Page - Bi technologies HM28 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
15
Buckle Style Core Common-Mode Chokes
Electrical / Environmental
• Insulation Resistance, Minimum
100 MΩ
• Voltage Rating
250VAC
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C
HM28-20001LF
0.50
9
1.40
1
400
HM28-20002LF
0.60
4.5
0.75
1
400
HM28-20003LF
0.70
2.5
0.40
1
400
HM28-20004LF
0.90
1.1
0.25
1
400
HM28-20005LF
1.0
0.45
0.13
1
400
HM28-24006LF
0.50
9
1.40
2
400
HM28-24007LF
0.60
4.5
0.75
2
400
HM28-24008LF
0.70
2.5
0.40
2
400
HM28-24009LF
0.90
1.1
0.25
2
400
HM28-24010LF
1.0
0.45
0.13
2
400
HM28-24011LF
0.50
36
2.70
3
300
HM28-24012LF
0.60
24
1.60
3
300
HM28-24013LF
0.70
9.2
0.75
3
300
HM28-24014LF
0.90
7.8
0.50
3
300
HM28-24015LF
1.0
5.2
0.34
3
300
HM28-24016LF
1.50
3.6
0.25
3
300
HM28-24017LF
2.0
3.2
0.20
3
300
HM28-25025LF
0.50
120
2.60
4
330
HM28-25026LF
0.60
92
2.0
4
330
HM28-25027LF
0.70
66
1.50
4
330
HM28-25028LF
0.90
36
0.80
4
330
HM28-25029LF
1.0
25
0.60
4
330
HM28-25030LF
1.50
15.5
0.32
4
330
HM28-25031LF
2.0
10
0.25
4
330
HM28-25032LF
2.50
8
0.19
4
330
HM28-25033
LF
3.0
5
0.10
4
330
HM28-32018
LF
0.50
36
2.70
5
400
HM28-32019
LF
0.60
24
1.60
5
400
HM28-32020
LF
0.70
9.2
0.75
5
400
HM28-32021
LF
0.90
7.8
0.50
5
400
HM28-32022
LF
1.0
5.2
0.34
5
400
HM28-32023
LF
1.50
3.6
0.25
5
400
HM28-32024
LF
2.0
3.2
0.20
5
400
HM28-35034
LF
0.50
120
2.60
6
231
HM28-35035
LF
0.60
92
2.0
6
231
HM28-35036
LF
0.70
66
1.50
6
231
HM28-35037
LF
0.90
36
0.80
6
231
HM28-35038
LF
1.0
25
0.60
6
231
HM28-35039
LF
1.50
15.5
0.32
6
231
HM28-35040
LF
2.0
10
0.25
6
231
HM28-35041
LF
2.50
8
0.19
6
231
HM28-35042
LF
3.0
5
0.10
6
231
HM28-42051
LF
1.50
33
0.50
7
144
HM28-42052
LF
1.80
22
0.40
7
144
HM28-42053
LF
2.0
18
0.30
7
144
HM28-42054
LF
2.50
12
0.20
7
144
HM28-42055
LF
2.70
10
0.15
7
144
HM28-42056
LF
3.0
8.1
0.12
7
144
HM28-42057
LF
3.50
6
0.10
7
144
HM28-42058
LF
4.0
4.7
0.08
7
144
Schematic
Specifications @ 25°C / Packaging
Ordering Information
Lead-Free
Case Size / Body Style
Model Series
Sequence number

HM28
20
004
LF
RoHS
Compliant
Carton
Current
Inductance
Box
Part
Rating
@ 1.0 kHz
DCR
Qty
Number
Amps AC
mH Min.
Ω Max.
Figure
(Units)
Carton
Current
Inductance
Box
Part
Rating
@ 1.0 kHz
DCR
Qty
Number
Amps AC
mH Min.
Ω Max.
Figure
(Units)


Similar Part No. - HM28

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM28 HSMC-HM28 Datasheet
33Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
HM28 ETC-HM28 Datasheet
118Kb / 6P
Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
List of Unclassifed Man...
HM28-20001 ETC-HM28-20001 Datasheet
118Kb / 6P
Buckle Style Core Common-Mode Chokes
logo
Bi technologies
HM28-20001LF BITECH-HM28-20001LF Datasheet
1,001Kb / 2P
Buckle Style Core Common-Mode Chokes
More results

Similar Description - HM28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM28 ETC-HM28 Datasheet
118Kb / 6P
Buckle Style Core Common-Mode Chokes
HM19 ETC1-HM19 Datasheet
115Kb / 2P
Toroid Style Common-Mode Chokes
HM18 ETC-HM18 Datasheet
103Kb / 3P
EE Style Common-Mode Chokes
logo
Bi technologies
HM19 BITECH-HM19 Datasheet
115Kb / 2P
Toroid Style Common-Mode Chokes
logo
Pulse A Technitrol Comp...
PE-1206CCMC222STS PULSE-PE-1206CCMC222STS Datasheet
163Kb / 3P
2-LINE CHIP STYLE COMMON MODE CHOKES
logo
Bi technologies
HM28 BITECH-HM28_15 Datasheet
1,001Kb / 2P
Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
RENCO ELECTRONICS, INC.
RL-1328 RENCO-RL-1328 Datasheet
1Mb / 4P
COMMON MODE CHOKES U-CORE DESIGN
RL-1329 RENCO-RL-1329 Datasheet
1Mb / 4P
COMMON MODE CHOKES U-CORE DESIGN
RL-1361 RENCO-RL-1361 Datasheet
1Mb / 3P
COMMON MODE CHOKES EE CORE DESIGN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com