Electronic Components Datasheet Search
  English  ▼

X  

HM33 Datasheet(PDF) 1 Page - Bi technologies

Part # HM33
Description  Current Sense Surface Mount Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM33 Datasheet(HTML) 1 Page - Bi technologies

  HM33 Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
18
HM33-10125LF
1:125
3000
5.0
7.36
6
White
-
HM33-10100LF
1:100
2000
5.0
5.50
6
Black
-
HM33-10070LF
1:70
980
5.0
4.75
6
Yellow
-
HM33-10050LF
1:50
500
5.0
2.50
6
Green
-
HM33-10040LF
1:40
320
5.0
1.35
6
Blue
-
HM33-10030LF
1:30
180
5.0
1.00
6
Red
-
HM33-H10125LF
1:125
3000
0.75
7.36
20
White
A
HM33-H10100LF
1:100
2000
0.75
5.50
20
Black
B
HM33-H10070LF
1:70
980
0.75
4.75
20
Yellow
C
HM33-H10050LF
1:50
500
0.75
2.50
20
Green
D
HM33-H10040LF
1:40
320
0.75
1.35
20
Blue
E
HM33-H10030LF
1:30
180
0.75
1.00
20
Red
F
Ordering Information
Schematic
Outline Dimensions (Inch/mm)
Recommended Solder Pad Layout
Specifications @ 25°C
Turns
Secondary
Primary
Secondary
Pin 1
H10XXXLF
Part
N1:N2
Inductance
DCR
DCR
Primary
Marking
ID
Number
@ 10 kHz
µH Min.
mΩ Max.
Ω Max.
Amps Max.
Color Code
Code
• Insulation Resistance, Minimum
10 MΩ
• Operating Temperature Range
-25°C to + 105°C
• Insulation System
Class B, 130°C

Electrical / Environmental
Current Sense Surface Mount Transformers
HM33
H10
125
LF
TR
Turns Ratio
Style
10 - Standard
H10 - High Current
Model Series
Lead-Free
Tape & 13” Reel
(750 Units/Reel)
RoHS
Compliant
N1
(Pri)
N2
(Sec)
Bottom View
Side View
Side View
Top View


Similar Part No. - HM33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM33 ETC2-HM33 Datasheet
284Kb / 1P
Current Sense Surface Mount Transformers
logo
TT Electronics.
HM33 TTELEC-HM33 Datasheet
791Kb / 1P
Current Sense Surface Mount Transformers
logo
List of Unclassifed Man...
HM33-10030 ETC2-HM33-10030 Datasheet
284Kb / 1P
Current Sense Surface Mount Transformers
logo
Bi technologies
HM33-10030LF BITECH-HM33-10030LF Datasheet
574Kb / 1P
Current Sense Surface Mount Transformers
logo
TT Electronics.
HM33-10030LF TTELEC-HM33-10030LF Datasheet
791Kb / 1P
Current Sense Surface Mount Transformers
More results

Similar Description - HM33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM33 ETC2-HM33 Datasheet
284Kb / 1P
Current Sense Surface Mount Transformers
logo
Vishay Siliconix
LPE-3325-CST VISHAY-LPE-3325-CST Datasheet
114Kb / 2P
Surface Mount Current Sense Transformers
01-Mar-06
LP3325CL VISHAY-LP3325CL Datasheet
105Kb / 2P
Surface Mount Current Sense Transformers
09-Mar-12
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
logo
Bi technologies
HM33 BITECH-HM33_15 Datasheet
574Kb / 1P
Current Sense Surface Mount Transformers
logo
Vishay Siliconix
LPE-3325-CST VISHAY-LPE-3325-CST_17 Datasheet
110Kb / 2P
Surface Mount Current Sense Transformers
09-Mar-12
logo
TT Electronics.
HM33 TTELEC-HM33 Datasheet
791Kb / 1P
Current Sense Surface Mount Transformers
logo
Vishay Siliconix
LPE-3325-CST VISHAY-LPE-3325-CST_V01 Datasheet
94Kb / 2P
Surface Mount Current Sense Transformers
09-Mar-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com