Electronic Components Datasheet Search
  English  ▼

X  

HM50 Datasheet(PDF) 1 Page - Bi technologies

Part # HM50
Description  Axially Leaded Miniature Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM50 Datasheet(HTML) 1 Page - Bi technologies

  HM50 Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
22
HM50-331KLF
330
.665
0.61
0.70
HM50-391KLF
390
.772
0.57
0.64
HM50-471KLF
470
1.15
0.47
0.59
HM50-561KLF
560
1.27
0.44
0.54
HM50-681KLF
680
1.61
0.40
0.49
HM50-821KLF
820
1.96
0.36
0.44
HM50-102KLF
1000
2.30
0.33
0.40
HM50-122KLF
1200
2.65
0.30
0.35
HM50-152KLF
1500
3.45
0.27
0.33
HM50-182KLF
1800
4.03
0.25
0.29
HM50-222KLF
2200
4.48
0.23
0.27
HM50-272KLF
2700
5.40
0.21
0.24
HM50-332KLF
3300
6.56
0.20
0.22
HM50-392KLF
3900
8.63
0.17
0.20
HM50-472KLF
4700
9.66
0.16
0.18
HM50-562KLF
5600
13.9
0.13
.166
HM50-682KLF
6800
16.3
0.12
.151
HM50-822KLF
8200
20.8
0.11
.136
HM50-103KLF
10000
26.4
0.10
.125
HM50-123KLF
12000
29.9
0.09
.114
HM50-153KLF
15000
42.5
0.08
.098
HM50-183KLF
18000
48.3
0.07
.091
HM50-3R9KLF
3.9
.019
3.60
7.30
HM50-4R7KLF
4.7
.022
3.40
6.30
HM50-5R6KLF
5.6
.024
3.20
5.60
HM50-6R8KLF
6.8
.026
3.10
5.30
HM50-8R2KLF
8.2
.028
3.00
4.50
HM50-100KLF
10
.033
2.80
4.10
HM50-120KLF
12
.037
2.60
3.60
HM50-150KLF
15
.040
2.50
3.30
HM50-180KLF
18
.044
2.40
3.00
HM50-220KLF
22
.050
2.23
2.70
HM50-270KLF
27
.056
2.10
2.50
HM50-330KLF
33
.076
1.81
2.20
HM50-390KLF
39
.094
1.63
2.00
HM50-470KLF
47
.109
1.51
1.80
HM50-560KLF
56
.140
1.33
1.70
HM50-680KLF
68
.131
1.31
1.50
HM50-820KLF
82
.152
1.30
1.40
HM50-101KLF
100
.208
1.10
1.20
HM50-121KLF
120
.283
0.94
1.10
HM50-151KLF
150
.340
0.86
1.00
HM50-181KLF
180
.362
0.83
0.95
HM50-221KLF
220
.430
0.76
0.86
HM50-271KLF
270
.557
0.67
0.77
HM50
330
K
LF
• Inductance Range
3.9
µH to 18,000µH
• Standard Tolerance
±10%
• Operating Temperature Range
-55°C to +105°C
Axially Leaded Miniature Power Inductors
Electrical / Environmental
Ordering Information
Notes:
(1) Inductance is measured at 1kHz without DC current.
(2) The rated DC current is based on an approximate 20°C temperature rise.
(3) The incremental current (INCR I) is the approximate current at which the inductance will be decreased
by 5% from its initial (zero DC) value due to saturation.
0.295
7.50 Max.
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
Inductance Tolerance:
J = ±5%
K = ±10%
M = ±20%
Model Series
Lead Free
Packaging
RoHS
Compliant

Capacity = 2700 Units
Standard: Boxes
Outline Dimensions (Inch / mm)
Specifications @ 25°C
Inductance
DC
Rated
INCR
Part
Nominal (1)
Resistance
IDC (2)
IDC (3)
Number
µH
±10%
Ω
Amps
Amps
Inductance
DC
Rated
INCR
Part
Nominal (1)
Resistance
IDC (2)
IDC (3)
Number
µH
±10%
Ω
Amps
Amps
0.984 ± .079
25.0 ± 2.0


Similar Part No. - HM50

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Bi technologies
HM50-100KLF BITECH-HM50-100KLF Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM50-100KLF TTELEC-HM50-100KLF Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Bi technologies
HM50-101KLF BITECH-HM50-101KLF Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM50-101KLF TTELEC-HM50-101KLF Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
More results

Similar Description - HM50

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM51 BITECH-HM51 Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
Self Leaded Power Inductors
logo
Tyco Electronics
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
logo
Bi technologies
HM51 BITECH-HM51_15 Datasheet
382Kb / 1P
Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
Miniature Leaded Crystal
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
HM51 TTELEC-HM51 Datasheet
638Kb / 1P
Axially Leaded Miniature Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com