Electronic Components Datasheet Search
  English  ▼

X  

HM61 Datasheet(PDF) 2 Page - Bi technologies

Part # HM61
Description  Low Cost Miniature Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM61 Datasheet(HTML) 2 Page - Bi technologies

  HM61 Datasheet HTML 1Page - Bi technologies HM61 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
25
Outline Dimensions (mm)
Figure 1
Figure 2
Recommended Solder Pad Layout
Recommended Solder Pad Layout
Packaging
Reel:
Diameter:
Figure 1
=
7” (177.8mm)
Figure 2
=
13” (330.2mm)
Capacity:
Figure 1
=
300 Units
Figure 2
=
750 Units
Standard: Embossed Tape & Reel
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
For values below 10µH, “R“ denotes
the decimal point
Model Series
Body Style
Lead-Free Option
LF = Lead-Free
(No code used for
non lead-free part)
HM61
10
1R0
LF
TR7
TR -Tape & Reel Packing
7 - 7” reel
Refer to Specifications table for
‘Ht’ dimension of each model.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com