Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710229 Datasheet(PDF) 12 Page - AMI SEMICONDUCTOR

Part # AMIS-710229
Description  200dpi CIS Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710229 Datasheet(HTML) 12 Page - AMI SEMICONDUCTOR

Back Button AMIS-710229 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-710229 Datasheet HTML 14Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AMIS-710227, AMIS-710228, AMIS-710229: 200dpi CIS Module Data Sheet
12.0 Switching Characteristics (25°C)
The switching characteristics (25°C) for the I/O clocks are shown in the diagram of Figure 5. Each switch timing characteristic for each
waveform is represented by its symbolic acronym. Each corresponding switching time is defined in the Table 12-A. Note: Only one
video output is shown because all four videos have identical electrical characteristics. The only physical difference is in Section 4,
output, VOUT4. Section 4 has only 6 sensor chips, hence its active scan is shorter by 64 pixels.
Figure 5: Module Timing Diagram
Table 12-A: Timing Symbol’s Definition and Timing Values
Item
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
to
0.20
4.0
µs
Clock pulse width
tw
50
ns
Clock duty cycle
25
75
%
Prohibit crossing time of SP
(1)
tprh
0
ns
Data setup time
tds
20
ns
Data hold time
tdh
0
ns
Signal delay time
tdl
20
ns
Signal settling time
tsh
100
ns
Note:
1.
"Prohibit crossing of start pulse" is to indicate that the SP should not be active high between any two consecutive clock pulses, specifically, between two
consecutive low-going clock pulses. See the timing diagram. All falling clock edges under an active high SP loads the internal shift register, therefore the SP must
be active over only one falling clock edge. High SP over all rising clock edge is ignored by the shift register. One simple way to ensure that the SP will not be
actively high during two consecutive falling clock edges is to generate the SP on a rising clock edge and terminate it on the following rising clock edge.
12
AMI Semiconductor – May 06, M-20548-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com