Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710240 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710240
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710240 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710240 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710240 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710240: 200dpi CIS Module
Data Sheet
5.0 Electro-Optical Characteristics (25°C)
Table 2: Electro-Optical Characteristics (25°C)
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
1728
Elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
(1)
Tint
347
µsec
@ 5.0MHz clock
frequency
Clock frequency
(2)
Freq
5.0
MHz
Bright output voltage
(3)
Vp
1.0
V
Bright output non-uniformity
(4)
Up
<+/-30
%
Adjacent pixel non-uniformity
(5)
Uadj
<25
%
Dark non-uniformity
(6)
Ud
<100
mV
Dark output voltage
(6)
Vd
<150
mV
Modulation transfer function
(7)
MTF
>30
%
Definition:
1.
Tint: line scanning rate or integration time. Tint is determined by the interval of two SPs.
2.
Freq is the main clock frequency.
3.
Vpavg =
∑ Vp(n)/1728
4.
Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100%
5.
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
Upadj is the non-uniformity percentage of adjacent pixels
6.
Ud = Vdmax – Vdmin
Vd is the voltage amplitude between the output video's reset level and its dark level.
Vdmin is the minimum output with LED light off.
Vdmax: maximum output voltage with the LED light off
7.
MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]
Vmax: maximum output voltage at 4.0lp/mm
Vmin: minimum output voltage at 4.0lp/mm
8.
lp / mm: line pair per mm
3
AMI Semiconductor –May 06, M-20546-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com