Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710250 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710250
Description  200dpi CIS Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710250 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710250 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710250 Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMIS-710250: 200dpi CIS Module
Data Sheet
All components are housed in a small plastic housing and covered with a glass window. This cover glass not only serves to protect all
of the critical components within the housing from dust, but, along with micro lens, it determines the depth-of-focus because it lies in the
optical path.
4.0 Pin Out Description
There is one connector located at the end of the module. The outline of the module in Figure 4 of the mechanical section illustrates the
connector location. With the module window facing down on a flat surface, with the viewer looking down on backside of the module and
with the connector's pins facing viewer, the connector is located on the right-hand end of the module. The connector is a 1.25mm single
10-pin row. Its I/O designation is provided in Table 1. Pin number 1 location is indicated on the module outline.
Table 1: I/O Designation
Pin Number
Symbol
Names and Functions
1
Vout
Analog video output
2
Gnd
Ground; 0V
3
Vdd (+5V)
Positive power supply
4
NA
Not used
5
Gnd
Ground; 0V
6
SP
Shift register start pulse
7
Gnd
Ground; 0V
8
CP
Sampling clock pulse
9
GLED
Ground for the light source; 0V
10
VLED
Supply for the light source
3
AMI Semiconductor – May 06, M-20547-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com