Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710254 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-710254
Description  200dpi CIS Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710254 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-710254 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710254 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710254 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710254 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710254 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710254 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AMIS-710254-A6: 200dpi CIS Module
Data Sheet
The PCB containing the imaging array is enclosed in a module housing along with a one-to-one graded indexed micro lens array, which
focuses image of the scanned documents onto the sensing line of the sensor chips. The document is illuminated with an LED light
source, which is also mounted in the housing (see Figure 2).
Figure 2: AMIS-710254-A6 Cross Sectional View
This pictorial cross section shows the LED bar light source and its illumination path. The light on the document reflects images of the
document. The reflected images focus through the micro lens onto the image sensing line of the chips, where images are converted to
proportional electrical charges. An on board amplifier processes these signal charges into proportional video signal voltages, which are
sent out to the output video port.
All components are housed in a small plastic housing and covered with a glass window. This cover glass not only serves to protect all
of the critical components within the housing from dust, but along with the micro lens, it plays a minor role in the depth-of-focus because
it lies in the optical path.
4.0 Pin Out Description
There is one connector located at the end of the module. The outline of the module's housing in Figure 4 illustrates the connector
location.
With the module window facing down on the flat surface, the viewer looking down on backside of the module and the
connector's pins facing the viewer, the connector is located on the right-hand end of the module. The connector is a single row of ten
pins with a 1.25mm pin space. It is a ECE EBW-PK23-P010L2-3Z. Its I/O designation is provided in Table 1. The location of Pin 1 is
indicated on the module outline.
Table 1: I/O Designation
Pin Number
Symbol
Names and Functions
1
Vout
Analog video output
2
Gnd (0V)
Ground
3
Vdd (+5V)
Positive power supply
4
NA
Not used
5
Gnd (0V)
Ground
6
SP
Shift register start pulse
7
Gnd (0V)
Ground
8
CP
Sampling clock pulse
9
GLED
Ground for the light source
10
VLED
Supply for the light source
2
AMI Semiconductor – Aug. 2006, M-20605-001
www.amis.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com