Electronic Components Datasheet Search
  English  ▼

X  

TDA1560 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1560
Description  40 W car radio high power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1560 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1560 Datasheet HTML 8Page - NXP Semiconductors TDA1560 Datasheet HTML 9Page - NXP Semiconductors TDA1560 Datasheet HTML 10Page - NXP Semiconductors TDA1560 Datasheet HTML 11Page - NXP Semiconductors TDA1560 Datasheet HTML 12Page - NXP Semiconductors TDA1560 Datasheet HTML 13Page - NXP Semiconductors TDA1560 Datasheet HTML 14Page - NXP Semiconductors TDA1560 Datasheet HTML 15Page - NXP Semiconductors TDA1560 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1996 May 14
13
Philips Semiconductors
Product specification
40 W car radio high power amplifier
TDA1560Q
Fig.10 Output power as a function of frequency at THD = 10%.
handbook, full pagewidth
10
40
20
30
10 3
10 2
10
MLB065
f (Hz)
Po
(W)
11100 F
µ
4400 F
µ
2200 F
µ
6600 F
µ
8800 F
µ
Fig.11 Total harmonic distortion as a function of output power.
handbook, full pagewidth
010
20
30
40
10
2
1
MLB066
10 1
10
THD
(%)
P (W)
o
C1, C2 = 2200 F
µ
f = 10 kHz
f = 100 Hz
f = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com