Electronic Components Datasheet Search
  English  ▼

X  

GSM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GSM
Description  HIGH PERFORMANCE GPRS SERVER APPLICATION/DEVICE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GSM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GSM Datasheet HTML 1Page - List of Unclassifed Manufacturers GSM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lantronix, Inc. All rights reserved.
Lantronix and PremierWave are registered trademarks, and Secure Com Port Redirector and DeviceInstaller are trademarks of Lantronix, Inc. All other trademarks are the property of their respective owners.
Specifications subject to change without notice. 940-046 Rev B
PremierWave XC Top View
Features and Specifications
> High Performance ARM9 32-bit processor
> Serial Interface
• Modes: Software selectable RS-232/422/485
• Software selectable RS-485 termination
• Standard and customizable serial data rates from 300 to
921 Kbps
• Characters: 7 or 8 data bits
• Parity: Odd, Even, None
• Stop Bits: 1 or 2
• Modem Control Signals: CTS, RTS, DTR/DCD
• Flow Control: XON/XOFF (software), CTS/RTS (hardware)
> Serial Connector
• 2 x DB9M (DTE)
• Per port: 15 KV ESD Protection
> USB Interface
• USB Mass Storage Device Support
> USB Connectors
• 2 x USB Type A Host Connectors
• USB 2.0
> I/O Interface
Input:
• Connection: Sensors/Events
• Voltage acceptance: 0 to 30 VDC
• Digital input event: User Configurable Action
• Optical/Magnetic/Capacitive Isolation: 1.5 KV
Output:
• Software: Turn Relay Output ON and OFF
• Automatic Event Trigger: ON or OFF (Possible events
include loss of Ethernet link, loss of cellular link, digital
input event)
• Relay Output Response: User Configurable
• Support 1A @24 V
> I/O Connectors
• 2 x Digital Input
• 1 x Relay Out
> Network Features
Ethernet
• 10BaseT and 100Base-TX Link (auto sensing full and half
duplex support)
• RJ-45 Connector with LEDs (indicating mode of operation
and activity)
• 1.5 KV Surge Isolation
GSM/GPRS
• Quad-band: 850/900/1800/1900 MHz
• Multislot Class 12 (MS-12)
• Transfer Rates - Up to 85.6 Kbps (downlink), Up to 42.8 Kbps
(uplink)
• SMS: Send and Receive
• Outbound SMS: Up to 5 Numbers
• Inbound SMS: Control Relay Status
• 1 x SIM Slot (under screwed down cover plate)
• Antenna: 2dBi, 50 Ohm, SMA Connector
> LED Indicators
• Mobile Wireless Mode, Signal Strength, Serial RX/TX,
USB Connection, Power
> Security
• SSL v3, SSH v2 Client & Server, Supports up to 1024-bit
certificates
• Encryption: AES, 3DES, RC4
• Authentication: SHA-1, MD5, Base-64 User Access Lists
> Software
• PremierWave XC Application Suite
• Windows 98/NT/2000/XP/Vista/7-based DeviceInstaller
> Management
• Web Browser (SSL option for secure login)
• CLI (over Serial Ports, Telnet or SSH)
• XML Configuration Records via CLI or FTP
• Supports SNMP version V3
Ordering Information
> Part Number
> Description
PXC2102G2-01
PremierWave XC GPRS Application Server, 2 Serial
Ports, 2 Digital I/O, Relay Output, USB, 10/100Base-T,
Industrial Temperature, 1 Antenna, Universal Power
Supply with Regional Adapters, RoHS
> Environmental
• Operating Temp: -40° to 85° C (-40° to 185° F)*
• Storage Temp: -40° to 85° C (-40° to 185° F)
• Relative Humidity: 5 to 95%, Non-condensing
• IP Rating: 30
*UL rated to 60° C
> Power
•Redundant Power Inputs with Failover : 2 x DC (barrel and terminal),
9-30 VDC
• Power Consumption: 3 Watts Maximum
• Power Supply (100-240 VAC, 50-60 Hz, 12 VDC @ 1A) with regional
adapters
> Dimensions
• Size (L x W x H): 108 mm x 85mm x 29mm (4.2 in x 3.3 in x 1.1 in)
• Weight: 0.35 kg (0.77 lb)
> Agency Approvals / Compliance
• EMC (FCC Part 15 Class B, CE, AS/NZS), RF (FCC Part 22H, Part 24E),
Safety (UL 60950-1, CSA C22.2 No. 60950-1-07), Network (PTCRB,
R&TTE), RoHS, REACH
> Warranty
• 5-Year Limited
Asia/Pacific
Call: +852.3428.2338
Email: asiapacific_sales@lantronix.com
Europe
Call: +31 (0) 76.52.3.6.74 4
Email: EMEA@lantronix.com
Americas
Call: 800.422.7055
Email: sales@lantronix.com
Buy Online: http://www.lantronix.com
NASDAQ: LTRX
Japan
Call: +81.3.6277.8802
Email: japan_sales@lantronix.com
China
Call: +86.021.6237.8868
Email: Shanghai@lantronix.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com