Electronic Components Datasheet Search
  English  ▼

X  

M12 Datasheet(PDF) 3 Page - Amphenol Industrial Products Group.

Part # M12
Description  M12 - T,Y&I Adapters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

M12 Datasheet(HTML) 3 Page - Amphenol Industrial Products Group.

  M12 Datasheet HTML 1Page - Amphenol Industrial Products Group. M12 Datasheet HTML 2Page - Amphenol Industrial Products Group. M12 Datasheet HTML 3Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Code
Current
rating
Contacts
Connector 1 2
A
4A
4
SS-000404-0MM-IS001
5
SS-000505-0MM-IS001
PS-000505-0FM-IS001*
SS-000405-0FM-IS001
Code
Current
rating
Contacts
Connector 1 2 3
A
4A
4
SS-040404-MMM-TS001
SS-040404-FFF-TS001
SS-040404-MFM-TS001
5
SS-050505-MMM-TS001
SS-050505-FFF-TS001
SS-050505-FMM-TS001
PS-050505-MMM-TS001*
PS-050505-FFF-TS001*
SS-050505-MFM-TS001
SS-050505-FMF-TS001
PS-050505-MFF-TS001*
SS-050505-MFF-TS001
PS-050505-FMF-TS001*
Code
Current
rating
Contacts
Connector 1 2 3
A
2A
8
SS-080808-MMM-YS001
SS-080808-FFF-YS001
SS-080808-MMF-YS001
SS-080808-FMM-YS001
SS-080808-FMF-YS001
SS-080808-MFF-YS001
SS-080808-MFF-YS001
4A
5
PS-050505-MFM-TS001*
PS-050505-FMF-TS001*
PS-050505-FMM-TS001*
PS-050505-MFM-TS001*
SS-050505-FFF-YS001
SS-050505-FFM-YS001
SS-050505-MMM-YS001
SI-050505-ZZZ-YS001
I
SI-050505-KKK-YS001
Configurations
General Information
We reserve the right to change the design due to improvement in quality, development or production requirements. This data sheet must not be used in any form or manner without
our prior approval in writing (Copyright, Law, Fair Trading Law, Civil Code). All technical data have been measured in a laboratory environment and can be different during practical
usage of the product. Any product information is for descriptive usage only and not legally binding; particularly the information does not constitute or provide any legal guaranties
(“Beschaffenheitsgarantie” or “Haltbarkeitsgarantie”)
M12 Series
1
2
3
3
1
2
Amphenol
43.8
55.9
Amphenol
2
1
1
3
Amphenol
Amphenol
2
3
36.0
46.4
Amphenol
Amphenol
1
2
1
2
1
2
1
2
55.9
25.7
Mating Style: Screw Thread
* PS - Plastic Version
M - Male Contact
F - Female Contact
Mating Style: Screw Thread
* PS - Plastic Version
M - Male Contact
F - Female Contact
Mating Style: Screw Thread
*PS - Plastic Version
M - Male Contact
F - Female Contact
Other versions upon request
Amphenol Sine Systems | 44724 Morley Drive | Clinton Twp, MI 48036 | USA
Phone: +1 800 394 7732 | Fax: +1 586 465 1216 | www.sineco.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com