Electronic Components Datasheet Search
  English  ▼

X  

PL-259 Datasheet(PDF) 1 Page - Amphenol RF.

Part # PL-259
Description  Plugs, Reducing Adapters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

PL-259 Datasheet(HTML) 1 Page - Amphenol RF.

  PL-259 Datasheet HTML 1Page - Amphenol RF.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cable
Conn
Cable Attachment
Dimensions, inches (millimeters)
Construction Notes
Military
Amphenol
Fig.
RG-/U
Type
Outer
Inner
a
b
c q
CAI
Plt.
Ins.
Other
Number
Number
8, 9, 11, 13,
Plug
Solder
Solder
1.50(38.0)
.750(19.0)
.444(11.3)
C1, C2
P4
D3
—
PL-259
83-1SP
1
63, 87A, 149,
Plug
Solder
Solder
1.50(38.0)
.750(19.0)
.444(11.3)
C1, C2 P1
D30
IBM 460147
PL-259
83-1SP-1050
1
213, 214,
Plug
Solder
Solder
1.50(38.0)
.750(19.0)
.420(10.7)
C1, C2 P1
D24
—
—
83-1SP-15RFX
1
216, 225
Plug
Solder
Solder
1.50(38.0)
.750(19.0)
.444(11.3)
C1, C2 P1
D1
TFE Insulation
PL-259
83-822
1
Plug
Crimp
Crimp
1.41(35.7)s .750(19.0)
.245(6.2)
C5
P2
D2
—
83-58DCP-2
2
58, 141
Plug
Solder
Crimp
1.38(35.1)
.716(18.2)
.212(5.4)
C5
P1
D24
83-58DCP-2RFX
2
Plug
FCP
Pliers
1.06(27.0)s .750(19.0)
.195(4.9)
C6
P2
D2
No Soldering
—
83-58FCP ❑
3
Plug
FCP
Pliers
1.16(29.4)s .716(18.2)
.224(5.7)
C6
P7
D24
No Soldering
—
83-58FCP-RFX
3
59, 62,140,210
Plug
Solder
Solder
1.68(42.9)
.781(19.8)
.257(6.6)
C2
P1
D30
—
UG-111/U
83-750
1
Reducing Adapter
1.00(25.4)
.438(11.1)
.209(5.3)
C2
P3
—
—
UG-175/U
83-185
4
For use on RG-55, 58,141,142 Cable (Except 55A)
1.00(25.4)
.437(11.1)
.209(5.3)
C2
P3
—
—
—
83-185-RFX
4
Reducing Adapter
1.00(25.4)
.438(11.1)
.257(6.5)
C2
P3
—
—
UG-176/U
83-168
4
For use on RG-59, 62, 71, 140, 210 Cable
1.00(25.4)
.437(11.1)
.257(6.5)
C2
P3
—
——
83-168-RFX
4
UHF CABLE PLUGS, REDUCING ADAPTERS
Fig. 1
UHF Solder Type Plugs
83-1SP
83-1SP-1050
83-1SP-15RFX
83-822
Fig. 2
UHF Crimp Type Plugs
83-58DCP-2
83-58DCP-2RFX
Fig. 3
UHF FCP Plugs
83-58FCP
83-58FCP-RFX
Fig. 4
UHF Reducing Adapters
83-185
83-185-RFX
83-168
83-168-RFX
v
v
v
v
v
v
v
v
v
v
v
c•
b
a
c•
b
a s
b
a s
a
b
c•
c•
UHF
Amphenol
®
Plugs, Reducing Adapters
187
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
• accommodates cable diameter
v distributor stocked s includes outer ferrule ❑ US patent 4,053,200


Similar Part No. - PL-259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
Hi-Speed USB Host to Host Bridge Controller
PL-2506 ETC2-PL-2506 Datasheet
157Kb / 1P
Universal Serial Bus Specification 2.0 Compliant
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
Hi-Speed USB to IDE Bridge Controller
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
Hi-Speed USB Flash Disk Controller
PL-2518 ETC1-PL-2518 Datasheet
290Kb / 2P
Turbo Hi-Speed USB Flash Disk Controller
More results

Similar Description - PL-259

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Astrodyne Corporation
AHP1501 ASTRODYNE-AHP1501 Datasheet
1Mb / 3P
15W Medical Power Adapters with Interchangeable Input Plugs
AHP2501 ASTRODYNE-AHP2501 Datasheet
1Mb / 3P
25W Medical Power Adapters with Interchangeable Input Plugs
logo
STMicroelectronics
STUSB4700 STMICROELECTRONICS-STUSB4700 Datasheet
1Mb / 32P
Smart plugs and wall adapters
22-Mar-2017
logo
Winchester Electronics ...
831B509 WINCHESTER-831B509 Datasheet
210Kb / 1P
Plugs, Jacks, Adapters
logo
Balluff Korea Ltd.
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
Adapters
0.54_2022-07-16
BCC0F2U BALLUFF-BCC0F2U Datasheet
102Kb / 2P
Adapters
0.58_2022-07-11
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
Adapters
0.61_2022-07-11
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
Adapters
0.54_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
Adapters
0.62_2022-07-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com