Electronic Components Datasheet Search
  English  ▼

X  

TDA1576 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1576
Description  FM/IF amplifier/demodulator circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1576 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1576 Datasheet HTML 4Page - NXP Semiconductors TDA1576 Datasheet HTML 5Page - NXP Semiconductors TDA1576 Datasheet HTML 6Page - NXP Semiconductors TDA1576 Datasheet HTML 7Page - NXP Semiconductors TDA1576 Datasheet HTML 8Page - NXP Semiconductors TDA1576 Datasheet HTML 9Page - NXP Semiconductors TDA1576 Datasheet HTML 10Page - NXP Semiconductors TDA1576 Datasheet HTML 11Page - NXP Semiconductors TDA1576 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Nov 18
8
Philips Semiconductors
Product specification
FM/IF amplifier/demodulator circuit
TDA1576
Fig.3
Supply current consumption as a function of
VP without load.
handbook, halfpage
020
30
10
0
20
MGE459
10
IP
(mA)
VP (V)
typ
Fig.4
AF output voltage as a function of VP;
ViIF = 1 mV; ∆f= ±15 kHz; fm = 400 Hz;
typical values.
handbook, halfpage
020
150
50
0
100
MGE460
10
Vo
(mV)
VP (V)
QL = 30
20
10
Fig.5
Total harmonic distortion for single tuned
circuit; ViIF = 1 mV; fm = 400 Hz; adjusted at
minimum 2nd distortion; typical values.
handbook, halfpage
0
±100
1.5
0.5
0
1
MGE461
±50
THD
(%)
∆f (kHz)
QL = 30
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com