Electronic Components Datasheet Search
  English  ▼

X  

VOL-0712 Datasheet(PDF) 21 Page - 3M Electronics

Part # VOL-0712
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-0712 Datasheet(HTML) 21 Page - 3M Electronics

Back Button VOL-0712 Datasheet HTML 17Page - 3M Electronics VOL-0712 Datasheet HTML 18Page - 3M Electronics VOL-0712 Datasheet HTML 19Page - 3M Electronics VOL-0712 Datasheet HTML 20Page - 3M Electronics VOL-0712 Datasheet HTML 21Page - 3M Electronics VOL-0712 Datasheet HTML 22Page - 3M Electronics VOL-0712 Datasheet HTML 23Page - 3M Electronics VOL-0712 Datasheet HTML 24Page - 3M Electronics VOL-0712 Datasheet HTML 25Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
1
Volition™ 19’’ x 1U Patch Panel, 24 ports, Qmax, total shield
43018-684 30
Volition™ 19’’ x 1U Patch Panel, 24 ports, Qmax, single shield
43018-678 30
19
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Giga Patch Panels
Description
RJ45 Giga Patch Panels
Type/Order Text
Ref.-No.
Volition™ 19’’ Patch Panels, non equipped, Giga
Volition™19’’ x 1U Patch Panels, equipped, Qmax
Ergonomically designed, the RJ45 Giga patch panels can easily be
mounted in racks, wall boxes or cabinets with a 19” format.
The shielded version of the RJ45 Giga patch panel supports cables
of all common diameters and provides effective protection against
electromagnetic interference due to 360° contact of the cable
braids on a single earth plane.
Volition™ 19’’x 1U x 70mm Patch Panel, 16 ports,
P33255AA
Giga, brushed alu
Volition™ 19’’x 1U x 70mm Patch Panel, 16 ports,
P33355AA
Giga, black alu
Volition™ 19’’x 1U x 100mm Patch Panel, 24 ports,
P33275AA
Giga, brushed alu
Volition™ 19’’x 1U x 100mm Patch Panel, 24 ports,
P33375AA
Giga, black alu
Volition™ 19’’x 2U x 100mm Patch Panel, 32 ports,
P33265AA
Giga, brushed alu
Volition™ 19’’x 2U x 100mm Patch Panel, 32 ports,
P33365AA
Giga, black alu
Volition™ 19’’x 2U x 130mm Patch Panel, 48 ports,
P33285AA
Giga, brushed alu
Volition™ 19’’x 2U x 130mm Patch Panel, 48 ports,
P33385AA
Giga, black alu
Highlights
•Easy implementation
• Port blanking plugs
• Cable safety through rear cable fixing
•Individual connectors, preventing any risk of interference
from one socket to another
• Coloured Bezels for easy identification of service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com