Electronic Components Datasheet Search
  English  ▼

X  

PI0000HSN Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI0000HSN
Description  25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0000HSN Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  PI0000HSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0000HSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PI0256HSN, PI0512HSN, PI1024HSN
Engineering Data Sheet
Page 7 of 8
March 13, 2002
Electro-Optical Characteristics
The following table lists the electro-optical characteristics.
Table 4. Electro-optical characteristics at 25°C.
Parameters
Symbol
Min
Typical
Max
Units
Center-to-center spacing
25
µm
Aperture width
2500
µm
Pixel area
A
6.25x10
-4
cm
2
Fill factor
1
FF
72
%
Quantum efficiency
1,2
QE
70
%
Responsivity
1,2
R
1.5
×10-4
C/J/cm
2
Nonuniformity of response
3
2
5
+/-%
Saturation exposure
2
Esat
430 (w/ cap)
170 (w/o cap)
nJ/cm
2
Saturation charge
4
Qsat
65 (w/ cap)
25 (w/o cap)
pC
Average dark current 5
0.2
0.5
pA
Spectral response peak
λ
600
nm
Spectral response range 6
180 – 1000
nm
Notes:
1.
Fill factor, quantum efficiency, and responsivity are related by the equation R = (qe
λ/hc).QE.FF.A, where qe is the
charge of an electron and hc/
λ is the energy of a photon at a given wavelength. Responsivity is therefore given per
pixel.
2.
At wavelength of 575 nm (yellow-green) and with no window.
3.
Measured at 50% Vsat with an incandescent tungsten lamp filtered with an Schott KG-1 heat-absorbing filter.
4.
Saturation charge specified for a video output bias of 4.5 volts.
5.
Max dark leakage
≤ 1.5 x average dark leakage measured with an integration period of 500 ms at 25oC.
6.
From 250-1000 nm, responsivity
≥ 20% of its peak value.
370 (w/ cap)
130 (w/o cap)
55 (w/ cap)
20 (w/o cap)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com