Electronic Components Datasheet Search
  English  ▼

X  

MB6S Datasheet(PDF) 3 Page - ON Semiconductor

Part # MB6S
Description  Bridge Rectifiers, 0.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MB6S Datasheet(HTML) 3 Page - ON Semiconductor

  MB6S Datasheet HTML 1Page - ON Semiconductor MB6S Datasheet HTML 2Page - ON Semiconductor MB6S Datasheet HTML 3Page - ON Semiconductor MB6S Datasheet HTML 4Page - ON Semiconductor MB6S Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB1S−MB8S
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Derating Curve for Output Rectified
Current
Figure 2. Typical Reverse Leakage Characteristics
Per Leg
Figure 3. Maximum Non−Repetitive Peak Forward
Surge Current Per Leg
Figure 4. Typical Junction Capacitance Per Leg
Figure 5. Typical Forward Voltage Characteristics
Per Leg
0
20
40
60
80 100 120 140 160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ambient Temperature (5C)
Aluminum Substrate
Glass
Epoxy
P.C.B
Resistive or Inductive Load
0
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj = 25°C
20
40
60
80
100
0.1
1
10
100
Tj = 125°C
0.2
0.01
Instantaneous Forward Voltage (V)
Tj = 25°C
0.1
1
10
Tj = 25°C
Pulse Width = 300 ms
1% Duty Cycles
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
0
Reverse Voltage (V)
Tj = 25°C
f = 1 MHz
Vslg = 50 mVp−p
1
10
100 200
5
10
15
20
25
30
1
0
Number of Cycles
F = 50 Hz
5
10
15
20
25
30
35
F = 60 Hz
10
100
Tj = 40°C
Single Half Sine−Wave
(JEDEC Method)
1 Cycle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com