Electronic Components Datasheet Search
  English  ▼

X  

MUR460 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUR460
Description  Switch-Mode Power Rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR460 Datasheet(HTML) 4 Page - ON Semiconductor

  MUR460 Datasheet HTML 1Page - ON Semiconductor MUR460 Datasheet HTML 2Page - ON Semiconductor MUR460 Datasheet HTML 3Page - ON Semiconductor MUR460 Datasheet HTML 4Page - ON Semiconductor MUR460 Datasheet HTML 5Page - ON Semiconductor MUR460 Datasheet HTML 6Page - ON Semiconductor MUR460 Datasheet HTML 7Page - ON Semiconductor MUR460 Datasheet HTML 8Page - ON Semiconductor MUR460 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
www.onsemi.com
4
MUR405, MUR410, MUR415, MUR420
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (V)
0.3
0.6
0.4
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
VR, REVERSE VOLTAGE (V)
060
40
100
120
40
80
0.008
0.004
0.002
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current
Figure 3. Current Derating
(Mounting Method #3 Per Note 2)
Figure 4. Power Dissipation
0
2.0
1.0
2.0
3.0
4.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 5. Typical Capacitance
0.7
10
70
1.0
1.1
1.2
100°C
TJ = 175°C
25°C
160
180
140
0.08
0.04
0.02
100°C
25°C
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
5.0
6.0
7.0
8.0
0.2
0.5
0.7
0.9
200
20
30
40
10
VR, REVERSE VOLTAGE (V)
50
60
70
80
90
100
20
30
50
40
0
TJ = 25°C
9.0
10
5.0
10
IPK
IAV
(Capacitive
Load)
=20
TA, AMBIENT TEMPERATURE (°C)
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
Rated VR
RqJA = 10°C/W
SQUAREWAVE
DC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com