Electronic Components Datasheet Search
  English  ▼

X  

NHP620LFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # NHP620LFS
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP620LFS Datasheet(HTML) 3 Page - ON Semiconductor

  NHP620LFS Datasheet HTML 1Page - ON Semiconductor NHP620LFS Datasheet HTML 2Page - ON Semiconductor NHP620LFS Datasheet HTML 3Page - ON Semiconductor NHP620LFS Datasheet HTML 4Page - ON Semiconductor NHP620LFS Datasheet HTML 5Page - ON Semiconductor NHP620LFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NHP620LFS, NRVHP620LFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
180
120
100
80
60
40
20
200
140
120
80
40
20
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
10
1000
140
200
1.E−11
1.E−09
1.E−08
1.E−06
1.E−05
60
100
1.E−08
1.E−07
1.E−05
1.E−03
TA = 175°C
TA = 125°C
TA = −55°C
TA = 85°C
TA = 150°C
TA = 125°C
TA = 85°C
1.E−04
TJ = 25°C
160
TA = 150°C
TA = 175°C
0.1
TA = −55°C
1.E−10
1.E−07
1.E−03
160
TA = 150°C
TA = 125°C
TA = 85°C
TA = 175°C
TA = −55°C
180
1
10
100
1.E−06
1.0
0.8
0.6
0.4
0.2
0
1.2
1.4
1
10
100
TA = 175°C
TA = 125°C
TA = −55°C
TA = 150°C
0.1
1.0
0.8
0.6
0.4
0
1.2
1.6
TA = 25°C
TA = 25°C
TA = 25°C
TA = 85°C
TA = 25°C
1.E−04
1.E−09
1.E−02
100
0.2
1.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com