Electronic Components Datasheet Search
  English  ▼

X  

M24256E-F Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24256E-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-F Datasheet(HTML) 2 Page - STMicroelectronics

  M24256E-F Datasheet HTML 1Page - STMicroelectronics M24256E-F Datasheet HTML 2Page - STMicroelectronics M24256E-F Datasheet HTML 3Page - STMicroelectronics M24256E-F Datasheet HTML 4Page - STMicroelectronics M24256E-F Datasheet HTML 5Page - STMicroelectronics M24256E-F Datasheet HTML 6Page - STMicroelectronics M24256E-F Datasheet HTML 7Page - STMicroelectronics M24256E-F Datasheet HTML 8Page - STMicroelectronics M24256E-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
1
Description
The M24256E-F is a 256-Kbit I2C-compatible EEPROM (electrically erasable programmable read only memory)
organized as 32 K × 8 bits.
The M24256E-F can operate with a supply voltage from 1.65 V to 5.5 V, with a clock frequency of 1 MHz (or less),
over an ambient temperature range of -40 °C/+85 °C. It can also operate down to 1.6 V, under some restricting
conditions.
The M24256E-F offers an additional page of 64 bytes, named identification page, which can be used to store
sensitive application parameters which can be (later) permanently locked in read-only mode.
The M24256E-F offers also an additional 8-bit register, named the configurable device address (CDA) register
authorizing the user, through software, to configure up to eight possibilities of chip enable address.
On demand, the eeprom can be delivered by STMicroelectronics with a preprogrammed and locked device
address (001).
1.1
Device block diagram
Figure 1. Logic diagram
VCC
VSS
SCL
M24256E-F
WC
SDA
Table 1. Signal names
Signal name
Function
Direction
SDA
Serial data
I/O
SCL
Serial clock
Input
VCC
Supply voltage
-
VSS
Ground
-
WC
Write control
Input
M24256E-F
Description
DS12687 - Rev 3
page 2/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com