Electronic Components Datasheet Search
  English  ▼

X  

TDA1591 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1591
Description  PLL stereo decoder and noise blanker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1591 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1591 Datasheet HTML 4Page - NXP Semiconductors TDA1591 Datasheet HTML 5Page - NXP Semiconductors TDA1591 Datasheet HTML 6Page - NXP Semiconductors TDA1591 Datasheet HTML 7Page - NXP Semiconductors TDA1591 Datasheet HTML 8Page - NXP Semiconductors TDA1591 Datasheet HTML 9Page - NXP Semiconductors TDA1591 Datasheet HTML 10Page - NXP Semiconductors TDA1591 Datasheet HTML 11Page - NXP Semiconductors TDA1591 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Sep 02
8
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
Notes
1. Intermodulation suppression [Beat Frequency Components (BFC)]:
;
;
measured with 91% mono signal; fmod = 10 kHz or 13 kHz; 9% pilot signal.
2. ARI suppression:
measured with 91% stereo signal; fmod = 1 kHz; 9% pilot signal; 5% ARI subcarrier
(fs = 57 kHz; fmod = 23 Hz; AM m = 0.6).
3. Subsidiary Communication Authorization (SCA):
;
measured with 81% mono signal; fmod = 1 kHz; 9% pilot signal; 10% SCA subcarrier (fs = 67 kHz, unmodulated).
4. Adjacent Channel Interference (ACI):
;
;
measured with 90% mono signal; fmod = 1 kHz; 9% pilot signal; 1% spurious signal
(fs = 110 kHz or 186 kHz, unmodulated).
IM2
V
o(signal) at 1 kHz
()
V
o(spurious) at 1 kHz
()
--------------------------------------------------------
=
f
s
2
10 kHz
×
() 19 kHz
–
=
IM3
V
o(signal) at 1 kHz
()
V
o(spurious) at 1 kHz
()
--------------------------------------------------------
=
f
s
3
13 kHz
×
() 38 kHz
–
=
α
57 ARI
V
o(signal) at 1 kHz
()
V
o(spurious) at 1 kHz
23 Hz
±
()
-----------------------------------------------------------------------------
=
α
67
V
o(signal) at 1 kHz
()
V
o(spurious) at 9 kHz
()
--------------------------------------------------------
=
f
s
238 kHz
×
() 67 kHz
–
=
α
114
V
o(signal) at 1 kHz
()
V
o(spurious) at 4 kHz
()
--------------------------------------------------------
=
f
s
110 kHz
3
38 kHz
×
()
–
=
α
190
V
o(signal) at 1 kHz
()
V
o(spurious) at 4 kHz
()
--------------------------------------------------------
=
f
s
186 kHz
5
38 kHz
×
()
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com