Electronic Components Datasheet Search
  English  ▼

X  

14945/SP Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # 14945/SP
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

14945/SP Datasheet(HTML) 5 Page - Elektron Components Ltd.

  14945/SP Datasheet HTML 1Page - Elektron Components Ltd. 14945/SP Datasheet HTML 2Page - Elektron Components Ltd. 14945/SP Datasheet HTML 3Page - Elektron Components Ltd. 14945/SP Datasheet HTML 4Page - Elektron Components Ltd. 14945/SP Datasheet HTML 5Page - Elektron Components Ltd. 14945/SP Datasheet HTML 6Page - Elektron Components Ltd. 14945/SP Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
bulgin
a brand of Elektron Technology
Page 5 of 7
bulgin.com
Thermo-plastic Version
P X P / x x x x / x x /x / x x / x x x x
PART NO SYSTEM
Examples:
PXP6010/03/P/CR/0507= Flex cable connector, 3 pole, pin contacts,
crimp termination with 5 to 7mm cable glands
PXP6012/03/S/ST= Front panel mounting connector, 3 pole, socket with screw termination
Plastic Connector Designation
Series
6 = 6000 Series
Body Styles
010 = Flex
011 = Flex In-Line
012 = Panel
No. of Contacts
02 = 2 Pole
03 = 3 Pole
08 = 8 Pole
16 = 16 Pole
22 = 22 Pole
Contacts Type
P = Pin
S = Socket
Contacts Termination
CR = Crimp
ST = Screw (2 and 3 pole only)
Cable Entry Size
(for Flex and Flex In-Line connectors only)
0405 = 4-5mm (Dark Grey)
0507 = 5-7mm (White)
0709 = 7-9mm (Yellow)
0910 = 9-10mm (Light Grey)
6000 Series Buccaneer®



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com