Electronic Components Datasheet Search
  English  ▼

X  

112280 Datasheet(PDF) 1 Page - LEMO Connectors

Part # 112280
Description  K - Outdoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

112280 Datasheet(HTML) 1 Page - LEMO Connectors

  112280 Datasheet HTML 1Page - LEMO Connectors 112280 Datasheet HTML 2Page - LEMO Connectors 112280 Datasheet HTML 3Page - LEMO Connectors 112280 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/k-outdoor-keyed/phg-2k-312-cllc60z.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
PHG.2K.312.CLLC60Z
Summary
Request a quote
Catalog
Number of contacts Low Voltage
12
Wire Size/AWG
30 - 22
Gender
Standard
Socket / Receptacle
Socket / Receptacle - Free
Locking system
Push-pull
Jacket cable outside diameter [mm]
5.30 - 6.20 mm
Size
2K
Suggested matching part
FGG.2K.312.CLAC60Z
Series
K - Outdoor keyed


Similar Part No. - 112280

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
112280 LEMO-112280 Datasheet
108Kb / 4P
B - Indoor keyed
112280 LEMO-112280 Datasheet
154Kb / 4P
B - Indoor keyed
112280 LEMO-112280 Datasheet
115Kb / 4P
B - Indoor keyed
112280 LEMO-112280 Datasheet
146Kb / 4P
B - Indoor keyed
112280 LEMO-112280 Datasheet
147Kb / 4P
B - Indoor keyed
More results

Similar Description - 112280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS99532A TI-TMS99532A Datasheet
109Kb / 2P
FREQUENCY-SHITF-KEYED MODEM
logo
Molex Electronics Ltd.
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
logo
Winchester Electronics ...
SD125-52-X WINCHESTER-SD125-52-X Datasheet
572Kb / 2P
PLUG TNC KEYED
SD125-X-X WINCHESTER-SD125-X-X Datasheet
781Kb / 2P
PLUG TNC KEYED
SD126-71-7 WINCHESTER-SD126-71-7 Datasheet
68Kb / 1P
PLUG SC KEYED
logo
Zilog, Inc.
ZDI232ZPAK2ZPK ZILOG-ZDI232ZPAK2ZPK Datasheet
247Kb / 10P
Keyed 40-conductor ribbon cable
logo
Amphenol Corporation
ATM06-12SA AMPHENOL-ATM06-12SA Datasheet
591Kb / 2P
PLUG, KEYED, 12 SOCKET, ATM SERIES
18/JUN/13
logo
Schneider Electric
9001KS11K1 SCHNEIDER-9001KS11K1 Datasheet
124Kb / 4P
30mm Push Button, Type K, keyed selector switch, 2 position, key removal on left
Aug 11, 2019
9001KS11K3 SCHNEIDER-9001KS11K3 Datasheet
136Kb / 5P
30mm Push Button, Type K, keyed selector switch, 2 position, key removal on left or right
Jan 4, 2022
9001KS43K10 SCHNEIDER-9001KS43K10 Datasheet
116Kb / 2P
30mm Push Button, Type K, keyed selector switch, 3 position, C cam, key withdrawal in any position
Jan 4, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com