Electronic Components Datasheet Search
  English  ▼

X  

PI627 Datasheet(PDF) 12 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 12 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 12Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Timing Characteristics at 25°C
The Timing Characteristics at 25°C for the I/O clocks are shown in Figure 5 and their definitions detailed in
Table 12. Only one video output is shown because all four video sections have identical electrical
characteristics. Since there is 7 die in sections 1, 2 and 3 and 6 die in section 4, the output waveform for
section 4 (Vout 4) is shorter by 192 pixels.
Figure 5. Module Timing Diagram
Item
Symbol
Min
Typical
Max
Units
Clock cycle time
to
0.182
1.93
µs
Clock pulse width
tw
46
1448
ns
Clock duty cycle
25
75
%
Prohibit crossing time of the
Start Pulse
(1)
tprh
50
ns
Data setup time
tds
50
ns
Data hold time
tdh
50
ns
Signal delay time
tdl
50
ns
Signal settling time
tsh
100
ns
Table 12. Timing Definitions
Note
1. "Prohibit crossing of the start pulse", tprh, is to indicate that the start pulse should not be active high
between two consecutive low going clock pulses. All falling clock edges under an active high start pulse
loads the internal shift register, therefore the start pulse must be active over only one falling clock edge.
A high start pulse crossing over any rising clock edges are ignored by the shift register. One simple way
to ensure that the start pulse will not be actively high for any two consecutive falling clock edges is to
generate the start pulse on a rising clock edge and terminate it on the following rising clock edge.
Page 12 of 13, Revised 2-23-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com