Electronic Components Datasheet Search
  English  ▼

X  

PL155AC-201 Datasheet(PDF) 51 Page - Emerson Network Power

Part # PL155AC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155AC-201 Datasheet(HTML) 51 Page - Emerson Network Power

Back Button PL155AC-201 Datasheet HTML 47Page - Emerson Network Power PL155AC-201 Datasheet HTML 48Page - Emerson Network Power PL155AC-201 Datasheet HTML 49Page - Emerson Network Power PL155AC-201 Datasheet HTML 50Page - Emerson Network Power PL155AC-201 Datasheet HTML 51Page - Emerson Network Power PL155AC-201 Datasheet HTML 52Page - Emerson Network Power PL155AC-201 Datasheet HTML 53Page - Emerson Network Power PL155AC-201 Datasheet HTML 54Page - Emerson Network Power PL155AC-201 Datasheet HTML 55Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
49
Z = denotes impedance of connecting cable in ohms. Audio Patch Cords also available, please call customer service.
Handles are color coded:
Green = 50Ω Violet = 75Ω
Standard Coax Looping Plugs
Plain Handle Shown
BNC Monitor
Pinch
Test Point
2.250
C
D
B
Patching Products / Standard Coax
Patching & Looping Plugs
Handle: B=1.51" C=.625" D=1.20"
Center Pin
50Ω RCA
Plain
.070"
LP-Z
Pinch
.070"
LPP-Z
Test Point Single
.070"
LPTP-Z
Test Point Dual
.070"
LP2TP-Z
BNC Monitor
.070"
LPA-Z
Handle: B=1.51" C=1.00" D=1.57"
Center Pin
50Ω RCA
Plain
.070"
LPL-Z
Test Point Single
.070"
LPLTP-Z
BNC Monitor
.070"
LPLA-Z
Handle: B=1.25" C=.625" D=1.20"
Center Pin
75Ω WE
Plain
.090"
LPW-Z
Pinch
.090”
LPPW-Z
Test Point Single
.090”
LPWTP-Z
Test Point Dual
.090”
LPW2TP-Z
BNC Monitor
.090”
LPWA-Z
Handle: B=1.25" C=1.00" D=1.57"
Center Pin
75Ω WE
Plain
.090"
LPLW-Z
Test Point Single
.090”
LPLWTP-Z
BNC Monitor
.090”
LPLWA-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com