Electronic Components Datasheet Search
  English  ▼

X  

C2RO-P111 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # C2RO-P111
Description  Serie PA Description
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

C2RO-P111 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  C2RO-P111 Datasheet HTML 1Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 2Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 3Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 4Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 5Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 6Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 7Page - Cherry Semiconductor Corporation C2RO-P111 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9
PCB terminals
PE: Series
A:
Q.C. terminal
C:
Code BCD
3:
PCB
short
4:
4 indiv. switches,
completely assembled
with endcaps
00: Standard version
Example
Ordering index
PE
C
A - 3
4
00
e
Single switch or qty. or assembled
switches (1 – 9) with endcaps
a
bcdef
Switching
Code
Readout-
Truth table-
PCB terminal
PCB
PCB
Code
position
Other codes
no.
no.
short
extended
on request
(refer to page 3)
Codes b
Terminals
Index
Q.C. terminal
A
Solder pins
F
Terminals c
PCB version
Index
short
3
extended
4
PCB versions d
Endcap left
609-0754
Endcap right
609-0756
Housing 7,62 mm
609-0752
Spacer 2,54 mm
609-0760
Spacer 2,54 mm
609-1609
without snap-in brackets
Stop pin
607-0013
Accessories for assembly
Stock codes
f
Version (Standard = 00)
2,54
2,54
2
2
Spacing 5,08
5
C
1
2
4
Spacing 5,08
C
1
2
4
8
3
Spacing 2,54
1 2 4 8 C 8 4 2 1
1
2
4
8
C
2
Spacing 5,08
1
Spacing 2
0 1 2 3 4 C 5 6 7 8 9
C
1
2
10
Spacing 5,08
8
Spacing 2,54
1 2 4 8 C 8 4 2 1
1
2
4
8
C
7
Spacing 5,08
6
Spacing 2
0 1 2 3 4 C 5 6 7 8 9
10
Decimal
0 - 9
2
1/6
•
•
A
10
BCD
0 - 9
1
2/7
•
•
C
10
BCD Complement
0 - 9
11
4
•
E
10
BCD + Complement
0 - 9
8
3/8
•
•
F
10
Single pole repeating
+/– alt.
4
5/10
•
•
P
16
Hexadecimal
0 - 15
5
2/7
•
•
G
16
Hexadecimal
0 - 9, A - F
5
2/7
•
•
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com