Electronic Components Datasheet Search
  English  ▼

X  

PVS Datasheet(PDF) 1 Page - Electronic Hardware Corporation

Part # PVS
Description  Machined Aluminum Knobs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHC [Electronic Hardware Corporation]
Direct Link  http://www.ehcknobs.com/
Logo EHC - Electronic Hardware Corporation

PVS Datasheet(HTML) 1 Page - Electronic Hardware Corporation

  PVS Datasheet HTML 1Page - Electronic Hardware Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electronic Hardware Corporation
320 Broad Hollow Road, Farmingdale, NY 11735
PHONE:
631.752.1950 FAX: 631.752.1971 WWW.ehcknobs.com
EMAIL: sales@ehcknobs.com
1-800-752-1680
17
Machined Aluminum Knobs
PVS Two-Tone Series
PVL Series
PVS Series
PKP Series
PV Series
PV Two-Tone Series
A
B
G
E
D
F
C
ORDERING GUIDE FOR MACHINED ALUMINUM SERIES
Series Diameter
Finish/Color
Shaft Hole
PB
12– 1⁄2”A– Clear Anodize
1– 1⁄8”Round
PV
19 – 3⁄4”B– Black Anodize
2– 1⁄4”Round
PKP
25– 15⁄16”BA– 2-tone
PVL
32–11⁄4”
PVS
Series
Diameter
Finish
Shaft Hole
.500
Natural
1⁄8” Round
PB
12
A
1
EXAMPLE:
PB-12A-1
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Height
Height
Diam.
PVS-12 BA
.500
.375
.177
.295
.510
.622
.750
PVS-19 BA
.750
.590
.177
.295
.510
.622
1.120
PVS-25 BA
.937
.708
.177
.295
.510
.622
1.640
2 Set
Screws
6-32
6-32
6-32
Style
A
B
G
E
D
F
C
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Height
Height
Diam.
PVL-12
.500
.375
.177
.295
.510
.622
.445
PVL-19
.750
.590
.177
.295
.510
.622
.655
PVL-25
.937
.708
.177
.295
.510
.622
.885
PVL-32
1.250
.975
.177
.295
.510
.622
1.195
2 Set
Screws
6-32
6-32
6-32
6-32
Style
A
B
G
E
D
F
C
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Height
Height
Diam.
PVS-12
.500
.375
.177
.295
.510
.622
.750
PVS-19
.750
.590
.177
.295
.510
.622
1.120
PVS-25
.937
.708
.177
.295
.510
.622
1.640
2 Set
Screws
6-32
6-32
6-32
Style
A
E
B
G
D
F
C
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Radiius
Height
Height
PKP-12
.500
.375
.120
.320
.375
.630
.510
PKP-19
.750
.590
.120
.320
.510
.630
.510
PKP-25
.937
.708
.120
.320
.629
.630
.510
2 Set
Screws
6-32
6-32
6-32
Style
A
B
G
E
D
F
C
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Height
Height
Diam.
PV-12
.500
.375
.160
.295
.510
.622
.450
PV-19
.750
.590
.160
.295
.510
.622
.695
PV-25
.937
.708
.160
.295
.510
.622
.885
PV-32
1.250
.975
.160
.295
.510
.622
1.195
2 Set
Screws
6-32
6-32
6-32
6-32
Style
A
B
G
E
D
F
C
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Height
Height
Diam.
PV-12 BA
.500
.375
.160
.295
.510
.622
.450
PV-19 BA
.750
.590
.160
.295
.510
.622
.695
PV-25 BA
.937
.708
.160
.295
.510
.622
.885
PV-32 BA
1.250
.985
.160
.295
.510
.622
1.195
2 Set
Screws
6-32
6-32
6-32
6-32
Style
PB Series
A
B
G
E
D
F
C
Part Number
A
B
C
D
E
F
G
Diam.
Diam.
Height
Height
Height
Height
Diam.
PB-12
.500
.375
.120
.330
.640
.790
.450
PB-19
.750
.590
.120
.330
.640
.790
.710
PB-25
.937
.708
.120
.330
.640
.790
.885
PB-32
1.250
.975
.120
.330
.640
.790
1.195
2 Set
Screws
6-32
6-32
6-32
6-32
Style
All of the above knobs are available for .125” and .250” shaft sizes.
PVS Two-Tone Series knobs come in a Natural and Black Anodized finish.
PVL Series knobs come in a Natural or Black Anodized finish.
PVS Series knobs come in a Natural or Black Anodized finish.
PKP Series knobs come in a Natural or Black Anodized finish.
PV Series knobs come in a Natural or Black Anodized finish.
PV Two-Tone Series knobs come in a Natural and Black Anodized finish.
PB Series knobs come in a Natural or Black Anodized finish.


Similar Part No. - PVS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PVS-003-1025-BLK MULTICOMP-PVS-003-1025-BLK Datasheet
201Kb / 2P
PVC Heat Shrink Tubing Standard Wall
V1.0 06/04/20
PVS-003-1100-BLK MULTICOMP-PVS-003-1100-BLK Datasheet
201Kb / 2P
PVC Heat Shrink Tubing Standard Wall
V1.0 06/04/20
PVS-003-1500-BLK MULTICOMP-PVS-003-1500-BLK Datasheet
201Kb / 2P
PVC Heat Shrink Tubing Standard Wall
V1.0 06/04/20
PVS-003-1999-BLK MULTICOMP-PVS-003-1999-BLK Datasheet
201Kb / 2P
PVC Heat Shrink Tubing Standard Wall
V1.0 06/04/20
PVS-004-1025-BLK MULTICOMP-PVS-004-1025-BLK Datasheet
201Kb / 2P
PVC Heat Shrink Tubing Standard Wall
V1.0 06/04/20
More results

Similar Description - PVS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
logo
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
Knobs, Machined Aluminum
logo
List of Unclassifed Man...
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
Aluminum Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
Brushed Aluminum Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
KB700B14AL ETC2-KB700B14AL Datasheet
325Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com