Electronic Components Datasheet Search
  English  ▼

X  

TDA1593 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1593
Description  IF amplifier/demodulator for FM car radio receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1593 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1593 Datasheet HTML 9Page - NXP Semiconductors TDA1593 Datasheet HTML 10Page - NXP Semiconductors TDA1593 Datasheet HTML 11Page - NXP Semiconductors TDA1593 Datasheet HTML 12Page - NXP Semiconductors TDA1593 Datasheet HTML 13Page - NXP Semiconductors TDA1593 Datasheet HTML 14Page - NXP Semiconductors TDA1593 Datasheet HTML 15Page - NXP Semiconductors TDA1593 Datasheet HTML 16Page - NXP Semiconductors TDA1593 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Oct 10
13
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
Fig.10 External mute voltage V16 dependent on input signal ViIF (pin 20); typical adjusting range.
(1) V2 =0V.
(2) I2 = 0 mA.
(3) V2 =Vref.
10
0
10−6
10−5
10−4
10−3
10−2
(1)
(2)
(3)
10−1
1
MBE515
2
4
6
8
Vi20 (rms) (V)
V16
(V)
Fig.11 Control voltage V6 dependent on input signal ViIF (pin 20); typical adjusting range.
(1) V2 =0V.
(2) I2 = 0 mA.
(3) V2 =Vref.
10
0
10−6
10−5
10−4
10−3
10−2
10−1
1
MBE516
2
4
6
8
Vi20 (rms) (V)
V6
(V)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com