Electronic Components Datasheet Search
  English  ▼

X  

STISO621W Datasheet(PDF) 4 Page - STMicroelectronics

Part # STISO621W
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621W Datasheet(HTML) 4 Page - STMicroelectronics

  STISO621W Datasheet HTML 1Page - STMicroelectronics STISO621W Datasheet HTML 2Page - STMicroelectronics STISO621W Datasheet HTML 3Page - STMicroelectronics STISO621W Datasheet HTML 4Page - STMicroelectronics STISO621W Datasheet HTML 5Page - STMicroelectronics STISO621W Datasheet HTML 6Page - STMicroelectronics STISO621W Datasheet HTML 7Page - STMicroelectronics STISO621W Datasheet HTML 8Page - STMicroelectronics STISO621W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IDDX
Supply current
CL = 20 pF
100 Mbps,
CL = 20 pF
18
20
mA
VIHL
Low level Schmitt trigger
threshold
Logic input falling
Full supply range
0.8
V
VILH
High level Schmitt trigger
threshold
Logic input rising
Full supply range
2
V
VIHyst
Schmitt trigger input hysteresis
0.5
V
VOL
Low level output voltage
IOH = 4 mA
0.4
V
VOH
High level output voltage
IOL = 4 mA
VDDX –
0.3
V
ZO
Output impedance
-40%
50
+40%
Ω
fMAX
Maximum data rate
VIH = 5 V
100
Mbps
tr
Output rise time
CL = 15 pF
2
4
ns
tf
Output fall time
CL = 15 pF
2
4
ns
tDHL
Propagation delay H to L
See Figure 3
25
42
ns
tDLH
Propagation delay L to H
See Figure 3
25
42
ns
tPOWUP
Power-up time
30
µs
tREFRESH
Refresh time
1
2
µs
tWD
Watchdog timeout
2
6
µs
PWD
Pulse width distortion
|tDHL – tDLH|
Full temperature range (1)
3
ns
CMTI
Common mode transient
immunity
(2)
50
65
kV/µs
1. Not tested in production. Limit is guaranteed by characterization on a limited number of samples representing the worst
case of production flow.
2. Not tested in production. Limit is guaranteed by characterization on a limited number of samples and simulations.
Note:
Testing conditions: Typical values are defined at Tamb = 25°C and VDD1 = VDD2 = 5 V, minimum and
maximum limits applies to the full temperature range (Tested in production at Tamb = 25°C and the
limits in the full temperature range are guaranteed by characterization on a limited quantity of samples),
unless otherwise specified.
Table 5. Electrical characteristics at VDD1 = VDD2 = 3V
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDDXon
VDDX on threshold
VDDX rising from 0 V
2.8
V
VDDXhyst
VDDX off hysteresis
VDDX falling from 5 V
0.1
V
IDDX
Supply current
DC
1.5
2
mA
10 Mbps,
CL = 20 pF
3
5
mA
100 Mbps,
CL = 20 pF
11
20
mA
STISO621
Electrical caracteristic
DS13394 - Rev 4
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com