Electronic Components Datasheet Search
  English  ▼

X  

PI3033B Datasheet(PDF) 10 Page - AMI SEMICONDUCTOR

Part # PI3033B
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3033B Datasheet(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button PI3033B Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 11Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 12Page - AMI SEMICONDUCTOR PI3033B Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Preliminary PI3033B datasheet
Switching Characteristics @ 25
o C.
The timing relationships of the video output voltage and its two input clocks the start pulse, SP, and
the shift register clock, CP, along with the shift register EOS output clock are shown in Figure 8,
Timing Diagram Of The PI3033B Sensor.
The switch timing specification for the symbols on the
timing diagram is given in Table 5, Timing Symbol's Definition below the timing diagram. The digital
clocks' levels are +5 Volts CMOS compatible. The video, IOUT, is specified in Figure 4, Video Pixel
Output in section Output Circuit Of The Image Sensor.
Figure 8. Timing Diagram Of The PI3033B Sensor
Item
Symbol
Minimum
Mean
Maximum
Units
Clock cycle time
to
200
10000
ns
Clock pulse width
(1)
tw
50
ns
Clock duty cycle
25
50
75
%
Data setup time
tds
20
ns
Data hold time
tdh
20
ns
Prohibit crossing time
(2)
tprh
20
ns
EOS rise delay
terdl
60
ns
EOS fall delay
tefdl
70
ns
Signal delay time
(3)
tdl
20
ns
Signal settling time
(3)
ts/h
120
ns
Table 5. Timing Symbol's Definition
Notes (1)
Since, the clock pulse width varies with frequency, tw will vary according to duty
cycle.
Page 10 of 13 Date: 03/18/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com