Electronic Components Datasheet Search
  English  ▼

X  

S3AB Datasheet(PDF) 2 Page - ON Semiconductor

Part # S3AB
Description  Rectifiers, Surface Mount 3A, 50 V-1000 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S3AB Datasheet(HTML) 2 Page - ON Semiconductor

  S3AB Datasheet HTML 1Page - ON Semiconductor S3AB Datasheet HTML 2Page - ON Semiconductor S3AB Datasheet HTML 3Page - ON Semiconductor S3AB Datasheet HTML 4Page - ON Semiconductor S3AB Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S3AB−S3MB
www.onsemi.com
2
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Forward Current Derating Curve
020
40
60
80
0
2.5
2
Percent of Rated Peak Reverse Voltage (%)
Lead Temperature (5C)
Figure 2. Typical Reverse Characteristics
3
3.5
100
0
0.1
1
10
100
1
0.5
1.5
120
140
160
Resistive or inductive load
TJ = 125°C
TJ = 25°C
20
40
60
80
100
120
140
Figure 3. Maximum Non−Repetitive Forward
Surge Current
110
10
Forward Voltage (V)
Number of Cycles at 60 Hz
Figure 4. Typical Forward Characteristics
100
0.6
0.1
1
10
100
100
0.7 0.8 0.9
1
1.1
8.3 ms Single Half Sine Wave
1.2 1.3 1.4 1.5 1.6
Pulse Width = 300 ms
1% Duty Cycle
Reverse Voltage (V)
Figure 5. Typical Junction Capacitance
1
1
10
100
10
100
f = 1.0 MHz
Vsig = 50 mVp−p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com