Electronic Components Datasheet Search
  English  ▼

X  

S3MB Datasheet(PDF) 4 Page - ON Semiconductor

Part # S3MB
Description  Rectifiers, Surface Mount 3A, 50 V-1000 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S3MB Datasheet(HTML) 4 Page - ON Semiconductor

  S3MB Datasheet HTML 1Page - ON Semiconductor S3MB Datasheet HTML 2Page - ON Semiconductor S3MB Datasheet HTML 3Page - ON Semiconductor S3MB Datasheet HTML 4Page - ON Semiconductor S3MB Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMB
CASE 403AF
ISSUE O
DATE 31 AUG 2016
2.20
2.50
4.70
2.65 MAX
2.45
1.90
B
0.203
0.050
0.30
0.05
2.15
1.65
A
0.13 M
C B A
C
3.95
3.30
B
2.20
1.91
B
5.60
5.08
B
4.75
4.05
0.13 M
C B A
B
A
0.41
0.15
1.60
0.75
R0.15 4X
8°
0°
0.45
0 − 8°
DETAIL A
SCALE 20 : 1
LAND PATTERN RECOMMENDATION
GAUGE
PLANE
NOTES:
A. EXCEPT WHERE NOTED CONFORMS TO
JEDEC DO214 VARIATION AA.
B
DOES NOT COMPLY JEDEC STD. VALUE.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
E. DIMENSION AND TOLERANCE AS PER ASME
Y14.5−1994.
F. LAND PATTERN STD. DIOM5336X240M.
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
98AON13441G
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
SMB
onsemi and
are trademarks of Semiconductor Components Industries, LLC dba onsemi or its subsidiaries in the United States and/or other countries. onsemi reserves
the right to make changes without further notice to any products herein. onsemi makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does onsemi assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation
special, consequential or incidental damages. onsemi does not convey any license under its patent rights nor the rights of others.
© Semiconductor Components Industries, LLC, 2019
www.onsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com