Electronic Components Datasheet Search
  English  ▼

X  

S3K Datasheet(PDF) 2 Page - ON Semiconductor

Part # S3K
Description  General-Purpose Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S3K Datasheet(HTML) 2 Page - ON Semiconductor

  S3K Datasheet HTML 1Page - ON Semiconductor S3K Datasheet HTML 2Page - ON Semiconductor S3K Datasheet HTML 3Page - ON Semiconductor S3K Datasheet HTML 4Page - ON Semiconductor S3K Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S3A−S3N
www.onsemi.com
2
TYPICAL PERFORMANCE CHARACTERISTICS
15
10
50
100
5
10
50
100
0.6
0.01
0.1
1
10
100
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non-Repetitive Surge Current
Figure 4. Reverse Current vs. Reverse Voltage
Figure 5. Total Capacitance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
50
60
70
80
90 100 110 120 130 140 150
Lead Temperature [5C]
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Forward Voltage, VF [V]
TJ = 25C
Pulse Width = 300 ms
2% Duty Cycle
Number of Cycles at 60 Hz
120
100
80
60
40
20
0
1
10
100
8.3 ms Single Half
Sine-Wave JEDEC
Method
2
5
20
50
% of Reverse Voltage, VR [V]
0
0.1
1
10
100
20
40
60
80
100
120
140
TA = 25C
TA = 125C
Reverse Voltage, VR [V]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com