Electronic Components Datasheet Search
  English  ▼

X  

HM71 Datasheet(PDF) 2 Page - Bi technologies

Part # HM71
Description  High Performance Low Cost Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM71 Datasheet(HTML) 2 Page - Bi technologies

  HM71 Datasheet HTML 1Page - Bi technologies HM71 Datasheet HTML 2Page - Bi technologies HM71 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
71
HM71-30220LF
22
0.085
2.60
2.7
DO3316P-223ML
HM71-30330LF
33
0.10
2.0
2.1
DO3316P-333ML
HM71-30470LF
47
0.14
1.60
1.8
DO3316P-473ML
HM71-30680LF
68
0.20
1.40
1.5
DO3316P-683ML
HM71-30101LF
100
0.28
1.20
1.3
DO3316P-104ML
HM71-30151LF
150
0.40
1.0
1.0
DO3316P-154ML
HM71-30221LF
220
0.61
0.80
0.8
DO3316P-224ML
HM71-30331LF
330
1.02
0.60
0.6
DO3316P-334ML
HM71-30471LF
470
1.27
0.50
0.5
DO3316P-474ML
HM71-30681LF
680
2.02
0.40
0.4
DO3316P-684ML
HM71-30102LF
1000
3.0
0.30
0.3
DO3316P-105ML
HM71-40100LF
10
0.040
8.0
3.5
DO3340P-103ML
HM71-40150LF
15
0.050
7.0
3.0
DO3340P-153ML
HM71-40220LF
22
0.066
5.50
2.5
DO3340P-223ML
HM71-40330LF
33
0.080
4.0
2.0
DO3340P-333ML
HM71-40470LF
47
0.110
3.80
1.6
DO3340P-473ML
HM71-40680LF
68
0.170
3.0
1.2
DO3340P-683ML
HM71-40101LF
100
0.220
2.50
1.2
DO3340P-104ML
HM71-40151LF
150
0.340
2.0
0.9
DO3340P-154ML
HM71-40221LF
220
0.440
1.60
0.7
DO3340P-224ML
HM71-40331LF
330
0.70
1.20
0.6
DO3340P-334ML
HM71-40471LF
470
0.950
1.0
0.3
DO3340P-474ML
HM71-40681LF
680
1.20
1.0
0.2
DO3340P-684ML
HM71-40102LF
1000
2.0
0.80
0.1
DO3340P-105ML
HM71-501R0LF
1.0
0.009
20.0
8.6
DO5022P-102ML
HM71-502R2LF
2.2
0.014
16.0
7.1
DO5022P-222ML
HM71-503R3LF
3.3
0.015
14.0
6.2
DO5022P-332ML
HM71-505R6LF
5.6
0.020
12.0
5.3
DO5022P-562ML
HM71-50100LF
10
0.031
10.0
4.3
DO5022P-103ML
HM71-50150LF
15
0.036
8.0
4.0
DO5022P-153ML
HM71-50220LF
22
0.047
7.0
3.5
DO5022P-223ML
HM71-50330LF
33
0.066
5.50
3.0
DO5022P-333ML
HM71-50470LF
47
0.086
4.50
2.6
DO5022P-473ML
HM71-50680LF
68
0.130
3.50
2.3
DO5022P-683ML
HM71-50101LF
100
0.190
3.0
1.8
DO5022P-104ML
HM71-50151LF
150
0.250
2.60
1.5
DO5022P-154ML
HM71-50221LF
220
0.380
2.40
1.2
DO5022P-224ML
HM71-50331LF
330
0.560
1.90
1.0
DO5022P-334ML
HM71-50471LF
470
0.850
1.40
0.82
DO5022P-474ML
HM71-50681LF
680
1.10
1.20
0.72
DO5022P-684ML
HM71-50102LF
1000
1.80
1.0
0.56
DO5022P-105ML
Notes:
(1) Inductance is measured at 100 kHz, 0.1 Vrms.
(2) ISAT is the saturation current at which inductance rolls off approximately 10%.
(3) Irms is the approximate current at which ∆T = 40°C.
(4) DC resistance is measured at 20°C.
DC
Part
Inductance
(1)
Resistance
(4)
ISAT
(2)
Irms
(3)
Competitor
Number
µH ±20%
Ω Max.
Amps
Amps rms
Part Number
Specifications (Cont’d)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com