Electronic Components Datasheet Search
  English  ▼

X  

X2P376 Datasheet(PDF) 14 Page - AMI SEMICONDUCTOR

Part # X2P376
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P376 Datasheet(HTML) 14 Page - AMI SEMICONDUCTOR

Back Button X2P376 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 10Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 11Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 12Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 13Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 14Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
Table 16: Xilinx Spartan-3 Cross Reference
Utilization
100%
Logic
Base
50%
RAM
Base
100%
RAM
Base
FPGA
Part
Package
I/O
Base
XC3S200
FT256
X2P376
X2P376
X2P376
X2P376
XC3S400
FT256
X2P376
X2P376
X2P376
X2P376
XC3S400
FG456
X2P376
X2P376
X2P376
X2P376
XC3S1000 FT256
X2P376
X2P376
X2P376
X2P528
XC3S1000 FG456
X2P376
X2P376
X2P376
X2P528
XC3S1000 FG676
X2P528
X2P376
X2P376
X2P528
XC3S1500 FG456
X2P376
X2P376
X2P376
X2P528
XC3S1500 FG676
X2P528
X2P376
X2P376
X2P528
XC3S2000 FG900
X2P680
X2P376
X2P528
X2P680
XC3S2000 FG676
X2P528
X2P376
X2P528
X2P680
XC3S4000 FG900
X2P680
X2P528
X2P680
X2P846
XC3S4000 FG1156
X2P846
X2P528
X2P680
X2P846
XC3S5000 FG900
X2P680
X2P680
X2P680
X2P846
XC3S5000 FG1156
X2P846
X2P680
X2P680
X2P846
Table 14: Xilinx Virtex-II Cross Reference
Utilization
100%
Logic
Base
50%
RAM
Base
100%
RAM
Base
FPGA
Part
Package
I/O
Base
XC2V40
FG256
X2P376
X2P376
X2P376
X2P376
XC2V80
FG256
X2P376
X2P376
X2P376
X2P376
XC2V250
FG256
X2P376
X2P376
X2P376
X2P528
XC2V250
FG456
X2P376
X2P376
X2P376
X2P528
XC2V500
FG256
X2P376
X2P376
X2P376
X2P528
XC2V500
FG456
X2P376
X2P376
X2P376
X2P528
XC2V1000 FG256
X2P376
X2P376
X2P528
X2P528
XC2V1000 FG456
X2P376
X2P376
X2P528
X2P528
XC2V1000 BG575
X2P376
X2P376
X2P528
X2P528
XC2V1000 FF896
X2P528
X2P376
X2P528
X2P528
XC2V1500 BG575
X2P528
X2P376
X2P528
X2P680
XC2V1500 FG676
X2P528
X2P376
X2P528
X2P680
XC2V1500 FF896
X2P680
X2P376
X2P528
X2P680
XC2V2000 BG575
X2P528
X2P376
X2P528
X2P680
XC2V2000 FG676
X2P528
X2P376
X2P528
X2P680
XC2V2000 FF896
X2P680
X2P376
X2P528
X2P680
XC2V2000 BF957
X2P680
X2P376
X2P528
X2P680
XC2V3000 FG676
X2P528
X2P376
X2P680
X2P846
XC2V3000 BG728
X2P680
X2P376
X2P680
X2P846
XC2V3000 BF957
X2P846
X2P376
X2P680
X2P846
XC2V3000 FF1152
X2P846
X2P376
X2P680
X2P846
XC2V4000 BF957
X2P846
X2P528
X2P846
X2P998
XC2V4000 FF1152
X2P846
X2P528
X2P846
X2P998
XC2V4000 FF1517
X2P998
X2P528
X2P846
X2P998
XC2V6000 BF957
X2P846
X2P680
X2P846
X2P998
XC2V6000 FF1152
X2P846
X2P680
X2P846
X2P998
XC2V6000 FF1517
X2P1148
X2P680
X2P846
X2P998
XC2V8000 FF1152
X2P846
X2P680
X2P846
X2P998
XC2V8000 FF1517
X2P1148
X2P680
X2P846
X2P998
Table 15: Xilinx Virtex-II Pro Cross Reference
Utilization
100%
Logic
Base
50%
Logic
Base
100%
RAM
Base
FPGA
Part
Package
I/O
Base
XC2VP2
FG256
X2P376
X2P376
X2P376
X2P376
XC2VP2
FG456
X2P376
X2P376
X2P376
X2P376
XC2VP2
FF672
X2P376
X2P376
X2P376
X2P376
XC2VP4
FG256
X2P376
X2P376
X2P376
X2P528
XC2VP4
FG456
X2P376
X2P376
X2P376
X2P528
XC2VP4
FF672
X2P528
X2P376
X2P376
X2P528
XC2VP7
FG456
X2P376
X2P376
X2P528
X2P528
XC2VP7
FF672
X2P528
X2P376
X2P528
X2P528
XC2VP7
FF896
X2P528
X2P376
X2P528
X2P528
XC2VP20
FG676
X2P528
X2P376
X2P680
X2P846
XC2VP20
FF896
X2P680
X2P376
X2P680
X2P846
XC2VP20
FF1152
X2P680
X2P376
X2P680
X2P846
XC2VP30
FG676
X2P528
X2P528
X2P846
X2P998
XC2VP30
FF896
X2P680
X2P528
X2P846
X2P998
XC2VP30
FF1152
X2P680
X2P528
X2P846
X2P998
XC2VP40
FG676
X2P528
X2P680
X2P846
X2P1148
XC2VP40
FF1148
X2P846
X2P680
X2P846
X2P1148
XC2VP40
FF1152
X2P680
X2P680
X2P846
X2P1148
XC2VP50
FF1148
X2P846
X2P680
X2P998
X2P1346
XC2VP50
FF1152
X2P846
X2P680
X2P998
X2P1346
XC2VP50
FF1517
X2P998
X2P680
X2P998
X2P1346
XC2VP70
FF1517
X2P998
X2P680
X2P1148
None
XC2VP70
FF1704
X2P1148
X2P680
X2P1148
None
XC2VP100 FF1696
X2P1346
X2P846
X2P1346
None
XC2VP105 FF1704
X2P1148
X2P846
X2P1346
None
XC2VP125 FF1696
X2P1346
X2P998
None
None
XC2VP125 FF1704
X2P1148
X2P998
None
None
© 2004 AMI Semiconductor, Inc.
AMI Semiconductor makes no warranty for the use of its products, other than those expressly contained in the company’s standard warranty contained in AMI Semiconductor’s Terms and Conditions. The company
assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to
update the information contained herein. No licenses to patents or other intellectual property of AMI Semiconductor are granted by the company in connection with the sale of AMI Semiconductor products, expressly or
by implication. The foregoing names that are not registered trademarks of AMI Semiconductor constitute protected trade names, trademarks and/or service marks of their respective owners. HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com