Electronic Components Datasheet Search
  English  ▼

X  

8124404 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8124404
Description  Ball screw linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8124404 Datasheet(HTML) 2 Page - Festo Corporation.

  8124404 Datasheet HTML 1Page - Festo Corporation. 8124404 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Max. force Fz
5600 N
Fy with theoretical service life of 100 km (from a guide perspective only) 17352 N
Fz with theoretical service life of 100 km (from a guide perspective only) 20631 N
Max. torque Mx
65 Nm
Max. torque My
51 Nm
Max. torque Mz
51 Nm
Mx with theoretical service life of 100 km (from a guide perspective
only)
239 Nm
My with theoretical service life of 100 km (from a guide perspective
only)
188 Nm
Mz with theoretical service life of 100 km (from a guide perspective only) 188 Nm
Max. radial force on actuator shaft
290 N
Max. feed force Fx
1054 N
Torsion moment of inertia It
151000
mm⁴
Mass moment of inertia JH per meter of stroke
0.3453 kgcm²
Mass moment of inertia JL per kg of payload
0.0253 kgcm²
Mass moment of inertia JO
0.1252 kgcm²
Feed constant
10 mm/U
Moving mass
1628 g
Product weight
6986 g
Basic weight with 0 mm stroke
4380 g
Additional weight per 10 mm stroke
104 g
Dynamic deflection (load moved)
0.05% of axis length, maximum 0.5 mm
Static deflection (load at standstill)
0.1 % of axis length
Interface code, actuator
T46
Material of end caps
Die cast aluminum, painted
Profile material
Wrought aluminum alloy, anodized
Note on materials
RoHS-compliant
Drive cover material
Die cast aluminum, painted
Slide carriage material
Steel
Guide rail material
Steel
Slide material
Wrought aluminum alloy, anodized
Spindle nut material
Steel
Spindle material
Steel
8/13/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com