Electronic Components Datasheet Search
  English  ▼

X  

VR1B Datasheet(PDF) 2 Page - Knowles Electronics

Part # VR1B
Description  Type VR Vertical Mounting Clamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

VR1B Datasheet(HTML) 2 Page - Knowles Electronics

  VR1B Datasheet HTML 1Page - Knowles Electronics VR1B Datasheet HTML 2Page - Knowles Electronics VR1B Datasheet HTML 3Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Capacitor Hardware
Oval Capacitor Hardware
End Mount Footed
Bracket (2 required)
#30434
Side Mount Footed
Bracket (2 required)
#31762
Wrap Around Bracket
H (Inches) End Mount
Side Mount
2.13
30434-33
31762-45
2.38
30434-37
31762-46
2.63
30434-41
31762-47
2.88
30434-45
31762-48
3.13
30434-49
31762-49
3.50
30434-55
31762-50
3.75
30434-59
31762-83
3.88
30434-61
31762-51
4.25
30434-67
31762-52
4.75
30434-75
31762-54
5.13
30434-81
31762-132
5.25
30434-83
31762-55
5.75
30434-91
31762-56
6.25
30434-99
31762-59
6.75
30434-107
31762-60
7.25
30434-115
31762-62
8.00
30434-127
31762-63
9.00
30434-143
31762-78
6-32 Screw
and Nut
Mounting Brackets #32107
Case Code
Bracket
A
32107-1
C
32107-2
D
32107-3
Insulating Terminal Boots UL Approved Material
Round Capacitor Hardware
3 Footed Round
2 Footed Round
Mounting Bracket
Mounting Bracket
Case Code
Bracket
Case Code
Bracket
P
VR6B
P
32107-6
S
VR8B
S
32107-7
T
VR10B
T
32107-8
Wrap Around Bracket
Case Code
Bracket
P
RB175
S
RB200
T
RB250
Case Code
Bracket
A
30393-5
C
30393-9
D
OB3
Motor Start Mounting Hardware
Bracket
Case Case Dimensions Down
Up
Optional
Code
(Inches)
Wire
Wire Mounting
D
L
Cap
Cap
Bracket
1
1.438
2.750
PL3
PLA3
HB2
2
1.438
3.375
PL3
PLA3
HB4
3
1.438
4.375
PL3
PLA3
HB8
4
1.813
3.375
PL6
PLA6
HB4
5
1.813
4.375
PL6
PLA6
HB8
6
2.063
3.375
PL8
PLA8
HB4
7
2.063
4.375
PL8
PLA8
HB8
8
2.563
4.375
PL10 PLA10
HB8
Order both endcap and bracket for mounting
End Cap
0.375"
44603
32108-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com