Electronic Components Datasheet Search
  English  ▼

X  

VR4B Datasheet(PDF) 1 Page - Knowles Electronics

Part # VR4B
Description  Type VR Vertical Mounting Clamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

VR4B Datasheet(HTML) 1 Page - Knowles Electronics

  VR4B Datasheet HTML 1Page - Knowles Electronics VR4B Datasheet HTML 2Page - Knowles Electronics VR4B Datasheet HTML 3Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Capacitor Hardware
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type VR Vertical Mounting Clamp
Type TH Horizontal Mounting Clip
Dimensions in Inches
Nominal Dia.
Catalog
of Part to be
Part Number
Mounted
A
B
TH13
.375
.250
.47
TH17
.625
.312
.72
TH21
.875
.312
1.00
TH23
1.000
.312
1.06
TH25
1.375
.312
1.50
CDE VR mounting clamps may
be used to mount any cylindrical
capacitor with a 1” to 3” diameter
that is to be mounted in a vertical
position. Material is 1010 CRS,
commercial grade #4 temper
ASI scale. Parts are finished with
.0001 (nominal) zinc chromate
plating. Use for mounting CG
types, PSU, SF and MPF types.
Material thickness is .035”
Catalog Part Number
Dimensions
Diameter
Unassembled
Assembled
of Part to be
Without
Screw & Nut
with
A
B
C
Mounted
Screw & Nut
Included
Screw & Nut
1" to 1-1/16
VR1B
VR1
VR1A
1"
1-7/16"
1-7/8*"
1-3/8" to 1-7/16
VR3B
VR3
VR3A
1-3/8"
1-25/32"
2-7/32"
1-1/2" to 1-9/16
VR4B
VR4
VR4A
1-1/2"
1-15/16"
2-11/32"
1-3/4" to 1-13/16
VR6B
VR6
VR6A
1-3/4"
2-1/4"
2-9/16"
2" to 2-1/16
VR8B
VR8
VR8A
2"
2-1/2"
2-13/16"
2-1/2" to 2-9/16
VR10B
VR10
VR10A
2-1/2"
3"
3-5/16"
3" to 3-1/8
VR12B
VR12
VR12A
3"
3-7/16"
3-13/16"
Screw
VRSCREW
—
—
9/16" long 6-32 thread NC-2A
Nut
VRNUT
—
—
Standard hex nut to fit screws
15K Ohm 2 watt bleeder resistors for AC motor start applica-
tions. Saves relay switch contacts and capacitor, particularly
in capacitor start applications. 1/4” quick connect terminals
eliminate need for soldering.
ACR15K:
Pack of 10, 15K Ohm 2 watt bleeder resistor without quick
connect terminals.
220K Ohm 1 watt bleeder resistors for AC motor run applica-
tions. Saves relay switch contacts and capacitor, particularly
in capacitor run applications. 1/4” quick connect terminals
eliminate need for soldering.
ACR220K:
Pack of 10, 220K Ohm 1 watt bleeder resistor without quick
connect terminals.
These clips, though designed
for capacitors, have varied ap-
plications to retain many cylin-
drical components. They are
used extensively in the electrical
and electronic industries to hold
spindles, condensers, capaci-
tors, tubes, rods and conduit.
Clips have phosphate and oil
finish.
Material thickness TH13 thru
TH17 is .016”. TH21 thru TH25
is .020”
ACR220KT Motor Run Resistor Kit
ACR15KT Motor Start Resistor Kit
VR1, 3 & 4
VR6, 8,10 & 12
B Mtg
.219”
.375”
.156”
2 Holes
.1561” Dia.
.562” .750”
C ±0.01”
0.176” x 0.281”
±0.016 (3 places).
B Mtng ±0.03”
0.344”
±0.016”
0.188”
±0.016”
A ±0.016”
75 º
120 º ±3 º
(3 Places)
Ø 0.201” ±0.005”
B Mtng ±0.03”
0.375”±0.016”
0.075” ±0.016”
0.035”
1.125” ±0.016”
0.500” ±0.016”
A
.135” Dia
Hole
B
.*
340” except TH25 is .590”
.594”


Similar Part No. - VR4B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
VR4B CDE-VR4B Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
More results

Similar Description - VR4B

ManufacturerPart #DatasheetDescription
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
Diotec Semiconductor
BO2 DIOTEC-BO2 Datasheet
107Kb / 2P
Mounting clamp BO 2
logo
Cornell Dubilier Electr...
VR1B CDE-VR1B Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
List of Unclassifed Man...
115058-14 ETC1-115058-14 Datasheet
262Kb / 3P
Type VR Vertical Mounting Clamp
logo
UMPCO, Inc.
NAS1713 UMPCO-NAS1713 Datasheet
515Kb / 2P
CLAMP, LOOP-CUSHIONED CENTER MOUNTING
S332 UMPCO-S332 Datasheet
135Kb / 1P
CLAMP, LOOPCUSHIONED, 1/2" MOUNTING SCREW
S370 UMPCO-S370 Datasheet
135Kb / 1P
CLAMP, LOOP TYPE, SUPPORT, CUSHIONED FOR #8 OR #10 MOUNTING SCREW
S463 UMPCO-S463 Datasheet
130Kb / 1P
CLAMP, LOOPCUSHSIONED, 1/4" MOUNTING HOLE
S464 UMPCO-S464 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, 3/8" MOUNTING HOLE
logo
Neutrik AG
NXUC-M-15 NEUTRIK-NXUC-M-15 Datasheet
96Kb / 1P
Manfrotto universal TM mounting clamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com