Electronic Components Datasheet Search
  English  ▼

X  

TDA1597T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1597T
Description  IF amplifier/demodulator for FM radio receivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1597T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1597T Datasheet HTML 4Page - NXP Semiconductors TDA1597T Datasheet HTML 5Page - NXP Semiconductors TDA1597T Datasheet HTML 6Page - NXP Semiconductors TDA1597T Datasheet HTML 7Page - NXP Semiconductors TDA1597T Datasheet HTML 8Page - NXP Semiconductors TDA1597T Datasheet HTML 9Page - NXP Semiconductors TDA1597T Datasheet HTML 10Page - NXP Semiconductors TDA1597T Datasheet HTML 11Page - NXP Semiconductors TDA1597T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Feb 27
8
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio receivers
TDA1597
OPERATING CHARACTERISTICS
VP = 7.5 to 12 V; Tamb =25 °C; FM-MUTE-ON (I7 = 0); fIF = 10.7 MHz; deviation ±22.5 kHz with fm = 400 Hz;
Vi = 10 mV (RMS) at pin 20; de-emphasis of 50 µs; tuned circuit at pins 10 and 11 aligned for symmetrical stop pulses;
measurements taken in Fig.4; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IF amplifier and demodulator
Vi(rms)
input signal for start of limiting
(
−3 dB) (RMS value; pin 20)
V7 =Vref; FM-MUTE-OFF
14
22
35
µV
input signal for signal-to-noise
ratio (RMS value)
f = 250 to 15000 Hz; V7 =Vref
S/N = 26 dB
−
15
−µV
S/N = 46 dB
−
60
−µV
S/N
signal-to-noise ratio
deviation
±75 kHz
−
82
−
dB
Vo(rms)
AF output signal (RMS value;
pin 4)
180
200
220
mV
THD
total harmonic distortion without
de-emphasis
without detuning
deviation
±75 kHz; fm = 1 kHz;
I7 =0
−
0.1
0.3
%
±25 kHz detuning
deviation
±75 kHz; fm = 1 kHz;
I7 =0
−−
0.6
%
compensated via pin 3
deviation
±75 kHz; f
m = 1 kHz;
I7 =0;V7 =Vref
−
0.07
0.25
%
∆V4
K2 adjustment
∆V4 =V4 (V3 =0) − V4 (V3 =Vref)
10
−−
mV
αAM
AM suppression on pin 4
V7 =Vref; m = 30%
Vi = 0.3 to 1000 mV (RMS)
on pin 20
46
55
−
dB
Vi = 1 to 300 mV (RMS)
on pin 20
60
65
−
dB
Dynamic mute attenuation
α; note 1
α
dynamic mute attenuation
deviation
±75 kHz;
fm = 100 kHz; V2 =1V
−
14
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com