Electronic Components Datasheet Search
  English  ▼

X  

TDA1599T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1599T
Description  IF amplifier/demodulator for FM radio receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1599T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1599T Datasheet HTML 4Page - NXP Semiconductors TDA1599T Datasheet HTML 5Page - NXP Semiconductors TDA1599T Datasheet HTML 6Page - NXP Semiconductors TDA1599T Datasheet HTML 7Page - NXP Semiconductors TDA1599T Datasheet HTML 8Page - NXP Semiconductors TDA1599T Datasheet HTML 9Page - NXP Semiconductors TDA1599T Datasheet HTML 10Page - NXP Semiconductors TDA1599T Datasheet HTML 11Page - NXP Semiconductors TDA1599T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
May 1994
8
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1599
External muting
V16
muting voltage at I2 = 0
V20 ≤ 5 µV RMS; Fig.12
1.45
1.75
2.05
V
V20 = 1 mV RMS
3.0
3.45
3.9
V
S
steepness of control voltage
(slope: 100
µV ≤ V20 ≤ 100 mV)
20
∆log V20 = 20 dB (∆V16 / ∆log V20)
−
0.85
−
V/dec
Internal mute
α = 20 log (∆V
4(FM-MUTE-OFF)/ ∆V4(FM-MUTE-ON))
α
mute voltage
V16 ≥ VREF
−
0
−
dB
V16 = 0.77VREF
1.5
−
4.5
dB
V16 = 0.55VREF
−
20
−
dB
I16
current for capacitor (pin 16)
charge current
V13 = 0 V
−−8
−µA
discharge current
V13 = 0 V
−
+120
−µA
charge current
V13 = VREF
−−100 −µA
discharge current
V13 = VREF
−
+120
−µA
Level detector
R6
output resistance
−−
500
Ω
V6
output voltage at I2 = 0
V20 ≤ 5 µV RMS; Fig.14
0.1
−
1.1
V
V20 = 1 mV RMS
3.0
−
4.2
V
±200 kHz detuning
1.2
1.5
1.8
V
output voltage at V2 = V5
V20 ≤ 5 µV RMS
−−
0.3
V
∆V6
output voltage at detuning
±45 kHz detuning
−−
0.2
V
TC
temperature coefficient
−
3.3
−
mV/VK
∆f
detuning frequency
V6 = 1.8 V; Fig.13
90
−
160
kHz
S
steepness of control voltage
(slope: 50
µV ≤ V20 ≤ 50 mV)
20
∆log V20 = 20 dB (∆V6 / ∆log V20)
1.4
1.7
2.0
V/dec
∆V
6/∆f
slope of output voltage at detuning
∆f = 125 ± 20 kHz
−
35
−
mV/kHz
S
level shift adjustments
range by pin 2
±∆V6/VREF
0.42
0.5
−
V/V
gain
−∆V6/∆V2
−
1.7
−
V/V
range by pin 2
±∆V16/VREF
0.21
0.25
−
V/V
gain
−∆V16/∆V2
−
0.85
−
V/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com