Electronic Components Datasheet Search
  English  ▼

X  

PW2 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # PW2
Description  Sonalert® Accessory Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PW2 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  PW2 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
PW
Sonalert
® Accessory Drawing
Revision
B
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A
• Phone: (317)612-1000 Fax: (317)612-1010 • www.mallory-sonalert.com
Compression Washers - ROHS Compliant
Catalog
Thickness
Panel
Number
(A)
Thickness (B)
PW1
.063
11-12GA (.125-.109)
PW2
.125
13-17GA (.093-.056)
PW3
.187
18-22GA (.050-.031)
Mounting -
Panel hole 1.063±.005 diameter should be punched
from the back side so that locking fingers enter on a
slightly rounded edge of the hole. Assemble proper
compression washer and press into panel hole until
locking fingers snap over the hole edge. Installation
pressure should be applied at the circumferance of
the device.
Use for Snap-In Panel Style Units
Material: Black ester foam
Compression: 5:1


Similar Part No. - PW2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PW2 TTELEC-PW2 Datasheet
434Kb / 2P
General Purpose Axial Leaded Power Wirewound Resistor
07.14
logo
List of Unclassifed Man...
PW2-12 ETC2-PW2-12 Datasheet
550Kb / 1P
PW-2 DC Power Supply
logo
SJM Prewell. All Rights...
PW210 SJM-PW210 Datasheet
205Kb / 3P
CATV Amplifier
PW210 SJM-PW210 Datasheet
577Kb / 8P
Wideband Gain Block
PW210-63 SJM-PW210-63 Datasheet
290Kb / 3P
Wideband Amplifier
More results

Similar Description - PW2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC110 ETC2-SC110 Datasheet
77Kb / 1P
Mallory Sonalert Products Inc. Sales Outline Drawing
logo
Ledil, Inc.
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
logo
Mallory Sonalert Produc...
22MMPLUG-2 MSPI-22MMPLUG-2 Datasheet
42Kb / 1P
Sonalert짰 Accessory Drawing
22MMPLUG-4 MSPI-22MMPLUG-4 Datasheet
42Kb / 1P
Sonalert Accessory Drawing
BNR1 MSPI-BNR1 Datasheet
30Kb / 1P
Sonalert Mounting Nuts
CNR1 MSPI-CNR1 Datasheet
30Kb / 1P
Sonalert Mounting Nuts
PNR1 MSPI-PNR1 Datasheet
109Kb / 1P
Sonalert Mounting Nuts
logo
Kendall Howard
7000-3-536-00 KENDALLHOWARD-7000-3-536-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-548-00 KENDALLHOWARD-7000-3-548-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-560-00 KENDALLHOWARD-7000-3-560-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com