Electronic Components Datasheet Search
  English  ▼

X  

PP800 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # PP800
Description  High Quality from a Name You Can Trust
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP800 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  PP800 Datasheet HTML 1Page - Pico Technology Ltd. PP800 Datasheet HTML 2Page - Pico Technology Ltd. PP800 Datasheet HTML 3Page - Pico Technology Ltd. PP800 Datasheet HTML 4Page - Pico Technology Ltd. PP800 Datasheet HTML 5Page - Pico Technology Ltd. PP800 Datasheet HTML 6Page - Pico Technology Ltd. PP800 Datasheet HTML 7Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRODUCT SELECTOR
MODEL
PicoScope 2204
PicoScope 2205
PicoScope 2206
PicoScope 2207
PicoScope 2208
Bandwidth
10 MHz
25 MHz
50 MHz
100 MHz
200 MHz
Sampling rate
100 MS/s
200 MS/s
500 MS/s
1 GS/s
1 GS/s
Memory
8 kS
16 kS
24 kS
32 kS
40 kS
Function generator + AWG
100 kHz
100 kHz
1 MHz
1 MHz
1 MHz
EXT trigger
No
No
Yes
Yes
Yes
DETAILED SPECIFICATIONS
VERTICAL
Number of channels
2
Bandwidth (-3 dB)
10 MHz
25 MHz
50 MHz
100 MHz
200 MHz
Rise time (calculated)
35 ns
14 ns
7 ns
3.5 ns
1.75 ns
Resolution
8 bits (12 bits with resolution enhancement)
Input characteristics
BNC, 1 MΩ
∥ 20 pF
BNC, 1 MΩ ±1%
∥ 13 pF ±1 pF
Input coupling
AC/DC
Input sensitivity
10 mV/div to 4 V/div (10 vertical divisions)
Input ranges
±50 mV, ±100 mV, ±200 mV, ±500 mV, ±1 V, ±2 V, ±5 V, ±10 V, ±20 V
Analog offset range
(vertical position adjustment)
None
±250 mV (50 mV, 100 mV, 200 mV ranges)
±2.5 V (500 mV, 1 V, 2 V ranges)
±20 V (5 V, 10 V, 20 V ranges)
DC accuracy
±3% of full scale
Overvoltage protection
±100 V (DC + AC peak)
HORIZONTAL
Max. sampling rate (real-time 1 ch.)
100 MS/s
200 MS/s
500 MS/s
1 GS/s
1 GS/s
Max. sampling rate (real-time 2 ch.)
50 MS/s
100 MS/s
250 MS/s
500 MS/s
500 MS/s
Max. sampling rate (repetitive/ETS)
2 GS/s
4 GS/s
5 GS/s
10 GS/s
10 GS/s
Max. sampling rate (streaming)
1 MS/s (typical) in PicoScope software. Rate using supplied SDK is PC-dependent.
Timebase ranges
10 ns to 1000 s/div
5 ns to 1000 s/div
2 ns to 1000 s/div
1 ns to 1000 s/div 500 ps to 1000 s/div
Buffer memory size (shared)
8 k samples
16 k samples
24 k samples
32 k samples
40 k samples
Max. buffers (normal triggering)
10,000
Max. buffers (rapid block triggering)
N/A
32
Timebase accuracy
±100 ppm
±50 ppm
Sample jitter
unspecified
< 5 ps RMS
DYNAMIC PERFORMANCE (typical)
Crosstalk (full bandwidth)
Better than 200:1 (equal ranges)
Better than 400:1 (equal ranges)
Harmonic distortion
< –50 dB at 100 kHz, full-scale input
SFDR
> 52 dB at 100 kHz, full-scale input
Noise
1 LSB (±1 V range)
< 180 µV RMS (±50 mV range)
Pulse response
< 7% overshoot
< 5% overshoot
Bandwidth flatness (at scope input)
(+0.3 dB, –3 dB) from DC to full bandwidth
TRIGGERING
Sources
Ch A, Ch B
Ch A, Ch B, Ext
Modes
None, auto, repeat, single
None, auto, repeat, single, rapid (segmented memory)
Advanced digital triggers (Ch A, B)
Rising, falling, dual, hysteresis, window, pulse width, window pulse width, window dropout, interval, logic, delayed
Trigger types, ETS (Ch A, Ch B)
Edge
Trigger sensitivity (Ch A, Ch B)
Digital triggering provides 1 LSB accuracy up to full bandwidth (ETS: typical 10 mV p-p at full bandwidth)
Max. pre-trigger capture
100% of capture size
Max. post-trigger delay
4 billion samples
Trigger re-arm time
PC-dependent
< 2 μs on fastest timebase
Max. trigger rate
PC-dependent
Burst of 32 in 64 μs
EXTERNAL TRIGGER INPUT
Trigger types
N/A
Edge, pulse width, dropout, interval, logic
Input characteristics
Front-panel BNC, 1 MΩ ±1%
∥ 13 pF ±1 pF
Bandwidth
50 MHz
100 MHz
200 MHz
Threshold range
±5 V, DC coupled
Threshold accuracy
±3% of full scale
Sensitivity
200 mV p-p typical, at full bandwidth
Overvoltage protection
±100 V (DC + AC peak) up to 10 kHz
PicoScope 2000 Series Oscilloscopes - Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com