Electronic Components Datasheet Search
  English  ▼

X  

PP802 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # PP802
Description  High Quality from a Name You Can Trust
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP802 Datasheet(HTML) 6 Page - Pico Technology Ltd.

  PP802 Datasheet HTML 1Page - Pico Technology Ltd. PP802 Datasheet HTML 2Page - Pico Technology Ltd. PP802 Datasheet HTML 3Page - Pico Technology Ltd. PP802 Datasheet HTML 4Page - Pico Technology Ltd. PP802 Datasheet HTML 5Page - Pico Technology Ltd. PP802 Datasheet HTML 6Page - Pico Technology Ltd. PP802 Datasheet HTML 7Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FUNCTION GENERATOR
PicoScope 2204
PicoScope 2205
PicoScope 2206
PicoScope 2207
PicoScope 2208
Standard output signals
Sine, square, triangle, DC voltage, ramp, sin(x)/x, Gaussian, half-sine
Pseudorandom output signals
None
White noise, PRBS
Standard signal frequency
DC to 100 kHz
DC to 1 MHz
Sweep modes
Up, down, dual with selectable start/stop frequencies and increments
Output frequency accuracy
±100 ppm
±50 ppm
Output frequency resolution
< 0.01 Hz
Output voltage range
±2 V
Output adjustments
±250 mV to ±2 V amplitude, ±1 V offset
Any amplitude and offset within ±2 V range
Amplitude flatness (typical)
< 1 dB to 100 kHz
< 0.5 dB to 1 MHz
DC accuracy
±1% of full scale
SFDR
> 55 dB @ 1 kHz full-scale sine wave
> 60 dB @ 10 kHz full-scale sine wave
Output characteristics
Front panel BNC, 600 Ω output impedance
Overvoltage protection
± 10 V
ARBITRARY WAVEFORM GENERATOR
Update rate
2 MS/s
20 MS/s
Buffer size
4 k samples
8 k samples
Resolution
8 bits
12 bits
Bandwidth
100 kHz
> 1 MHz
Rise time (10% - 90%)
< 2 µs
< 100 ns
SPECTRUM ANALYZER
Frequency range
DC to 10 MHz
DC to 25 MHz
DC to 50 MHz
DC to 100 MHz
DC to 200 MHz
Display modes
Magnitude, average, peak hold
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman-Harris, Hamming, Hann, flat-top
Number of FFT points
Selectable from 128 to half available buffer memory in powers of 2
MATH CHANNELS
Functions
+, −, *, /, sqrt, ^, exp, ln, log, abs, norm, sign, sin, cos, tan, asin, acos, atan,
sinh, cosh, tanh, derivative, integral, freq, min, max, average, peak
Operands
A, B (input channels), T (time), reference waveforms, constants, Pi
AUTOMATIC MEASUREMENTS
Oscilloscope
AC RMS, true RMS, DC average, cycle time, frequency, duty cycle, falling rate, fall time,
rising rate, rise time, high pulse width, low pulse width, maximum, minimum, peak to peak
Spectrum
Frequency at peak, amplitude at peak, average amplitude at peak,
total power, THD %, THD dB, THD plus noise, SFDR, SINAD, SNR, IMD
Statistics
Minimum, maximum, average and standard deviation
SERIAL DECODING
Protocols
CAN Bus, I²C, SPI, UART
MASK LIMIT TESTING
Statistics
Pass/fail, failure count, total count
DISPLAY
Interpolation
Linear or sin(x)/x
Persistence modes
Digital color, analog intensity, custom, or none
GENERAL
PC connectivity
USB 2.0 hi-speed (full-speed compatible)
Power requirements
Powered from USB port
Dimensions (including connectors)
150 x 100 x 40 mm
200 x 140 x 40 mm
Weight
< 0.22 kg (7.8 oz)
< 0.5 kg (17.7 oz.)
Temperature range
Operating: 0 °C to 50 °C (20 °C to 30 °C for stated accuracy). Storage: –20 °C to +60 °C.
Humidity range
Operating: 5% to 80% RH non-condensing. Storage: 5% to 95% RH non-condensing.
Safety approvals
Designed to EN 61010-1:2001
Designed to EN 61010-1:2010
EMC approvals
Tested to EN61326-1:2006 and FCC Part 15 Subpart B
Environmental approvals
RoHS and WEEE compliant
Software included
PicoScope 6, Windows SDK, example programs (C, Visual Basic, VEE, Excel, LabVIEW, Delphi)
PC requirements
Microsoft Windows XP, Vista or Windows 7, 32 or 64-bit
Accessories
USB cable
Languages (UI and manual):
English, French, German, Italian, Spanish
Languages (UI only):
Chinese (Simplified), Chinese (Traditional), Czech, Danish, Dutch, Finnish, Greek,
Hungarian, Japanese, Norwegian, Polish, Portuguese, Romanian, Russian, Swedish, Turkish
Specifications continued...



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com