Electronic Components Datasheet Search
  English  ▼

X  

PP787 Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # PP787
Description  High Quality from a Name You Can Trust
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP787 Datasheet(HTML) 3 Page - Pico Technology Ltd.

  PP787 Datasheet HTML 1Page - Pico Technology Ltd. PP787 Datasheet HTML 2Page - Pico Technology Ltd. PP787 Datasheet HTML 3Page - Pico Technology Ltd. PP787 Datasheet HTML 4Page - Pico Technology Ltd. PP787 Datasheet HTML 5Page - Pico Technology Ltd. PP787 Datasheet HTML 6Page - Pico Technology Ltd. PP787 Datasheet HTML 7Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Mask limit testing
This feature is specially designed for production and debugging
environments. Capture a signal from a known working system, and
PicoScope will draw a mask around it with your specified tolerance.
Connect the system under test, and PicoScope will highlight any parts
of the waveform that fall outside the mask area. The highlighted details
persist on the display, allowing the scope to catch intermittent glitches
while you work on something else. The measurements window counts
the number of failures, and can display other measurements and statistics
at the same time.
The numerical and graphical mask editors can be used separately or in
combination, allowing you to enter accurate mask specifications and
modify existing masks. You can import and export masks as files.
High-end features as standard
Buying a scope from some companies is a bit like buying a car. By the
time you have added all the optional extras you need, the price has gone
up considerably. With the PicoScope 2000 Series, high-end features such
as resolution enhancement, mask limit testing, serial decoding, advanced
triggering, automatic measurements, math channels and XY mode are all
included in the price.
To protect your investment, both the PC software and firmware inside the
unit can be updated. We have a long history of providing new features for
free through software downloads. Other companies make vague promises
about future enhancements but we deliver on our promises year after
year. Users of our products reward us by becoming lifelong customers,
frequently recommending us to their colleagues.
High signal integrity
Most oscilloscopes are built down to a price; ours are built up to a
specification.
Careful front-end design and shielding reduces noise, crosstalk and
harmonic distortion. Our 20 years of oscilloscope design experience can
be seen in improved pulse response and bandwidth flatness.
We are proud of the dynamic performance of our products and publish
these specifications in detail. The result is simple: when you probe a circuit,
you can trust in the waveform you see on the screen.
Advanced display modes
See old and new data superimposed, with new data in a brighter color
or shade. This makes it easy to see glitches and dropouts and to estimate
their relative frequency. Choose between analog persistence and digital
color, or create a custom display mode.
The design of the PicoScope software ensures that maximum display area
is available for waveform viewing. Even with a laptop you have a much
bigger viewing area and higher resolution than a typical benchtop scope.
Serial decoding
The PicoScope 2000 Series includes serial decoding capability as standard.
Protocols currently included are I²C, SPI, RS232/UART and CAN bus.
Expect this list to grow as we release free software updates.
PicoScope displays the decoded data in the format of your choice: “in
view”, “in window”, or both at once. The “in view” format shows the
decoded data beneath the waveform on a common time axis, with error
frames marked in red. You can zoom in on these frames to look for noise
or distortion on the waveform.
“In window” format shows a list of the decoded frames, including the data
and all flags and identifiers. You can set up filtering conditions to display
only the frames you are interested in, search for frames with specified
properties, or define a start pattern that the program will wait for before
listing the data.
You can also create a spreadsheet to decode the hexadecimal data into
arbitrary text strings.
High-speed data acquisition and digitizing
The drivers and software development kit supplied allow you to write
your own software or interface to popular third-party software packages
such as LabVIEW.
The driver supports data streaming, a mode that captures gap-free
continuous data through the USB port directly to the PC’s RAM or hard
disk at a rate of 1 MS/s or more, so that you are not limited by the size of
the device’s buffer memory. Maximum speed is PC-dependent.
PicoScope 2206 front-end screening
PicoScope 2000 Series Oscilloscopes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com